PART |
Description |
Maker |
SI5110 SI5110-BC |
SiPHY?/a> OC-48/STM-16 SONET/SDH TRANSCEIVER SiPHYOC-48/STM-16 SONET/SDH TRANSCEIVER SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
|
Silicon Laboratories Silicon Storage Technology, Inc.
|
HFCT-5202 |
155 Mb/s Single Mode Fiber Transceiver with Integrated Clock and Data Recovery for ATM, SONET OC-3/SDH STM-1(应用于ATM, SONET OC-3/SDH STM-1带集成时钟和数据恢复55 Mb/s单模式光收发
|
Agilent(Hewlett-Packard)
|
SI5010 SI5010-GM SI5010-BM |
OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
|
Silicon Laboratories
|
1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC |
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:Low Loss UL AWM Style 1354; Capacitance:24.80pF RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Matte Black RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 1345-Type Receiver with Clock Recovery and Data Retiming 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector ST.
|
AGERE[Agere Systems]
|
VSC9186 |
Telecomm / Datacomm VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface VSC9186 Killington - Quad STS-48/STM-16 and STS-192/STM-64 Line Interface
|
Vitesse Semiconductor Corporation http://
|
HFCT-5207 |
622 Mb/s Single Mode Fiber Transceiver for ATM, SONET OC-12/SDH STM-4(应用于ATM, SONET OC-12/SDH STM-422 Mb/s单模式光收发
|
Agilent(Hewlett-Packard)
|
HFCT-5201 |
155 Mb/s Single Mode Fiber Transceiver for ATM,SONET OC3/SDH STM-1(应用于ATM,SONET OC3/SDH STM-1的单模式收发
|
Agilent(Hewlett-Packard)
|
PEB1756E |
TETHYS 448 16 STS-48/STM-16 MUX/DEMUX TETHYS⑩ 448 16 STS-48/STM-16 MUX/DEMUX
|
EXAR[Exar Corporation]
|
PEB1756E PEB1756E09 PEB1756AE |
PEB1756E TETHYS垄芒 4192 DUAL STS-192/STM-64 MUX/DEMUX PEB1756E TETHYS 4192 DUAL STS-192/STM-64 MUX/DEMUX
|
Exar Corporation
|
78P2253-IGT 78P2253 |
E4/STM-1/STS-3/OC-3 Transceiver
|
TDK Semiconductor ETC[ETC]
|