PART |
Description |
Maker |
UM16527 UM16518 UM16525 UM16535 UM16513 UM16530 UM |
300mA, Micropower, VLDO Linear Regulator
|
Union Semiconductor, Inc.
|
LTC1844ES5-1.5 |
150mA, Micropower, Low Noise, VLDO Linear Regulator
|
Linear Technology
|
UM4750DB-XX |
300mA, Micropower, Dual Channel VLDO Linear Regulator
|
Union Semiconductor, In...
|
LTC3025EDC LTC3025EDCTRM |
300mA Micropower VLDO Linear Regulator; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.4 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.1 V DROPOUT, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CS9202 CS9202YDF8 CS9202YDFR8 |
Micropower 3.3V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 3.3 V / 100 mA Linear Regulator with NOCAP Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
|
ONSEMI[ON Semiconductor]
|
CS9201YDF8 CS9201YDFR8 CS9201 CS9201-D |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAPE
|
http:// ONSEMI[ON Semiconductor]
|
LT1175_05 LT1175 LT1175CN8 LT1175CN8-5 LT1175CQ LT |
500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 3.743 V-3.857 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINER[Linear Technology] LINEAR TECHNOLOGY CORP
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
CM3016-48ST CM3016-48 CM3016-48SO |
Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
|
CALMIRCO[California Micro Devices Corp]
|
NCV8503PWADJ NCV8503PWADJR2 NCV8503 NCV8503PW25 NC |
Micropower 400mA LDO Linear Regulators with ENABLE, DELAY, Adjustable /RESET, and General Use Comparator From old datasheet system Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 3.3 V FIXED POSITIVE LDO REGULATOR, PDSO16
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|