PART |
Description |
Maker |
ECQV50VDC ECQVXXXX ECQV100VDC ECQV63VDC ECQV1J334J |
Stacked Metallized Film Capacitor Designed for application where high density insertion of components is required.
|
Panasonic
|
1SMA10AT3G 1SMA9.0AT3G |
The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
|
Littelfuse
|
TC14433AEJG TC14433EJG TC14433ELI TC14433EPG TC144 |
The TC14433 is a low power,high-performance, monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter pro The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter prov 3-1/2 Digital / Analog-to-Digital Converter 3-1/2 Digit, Analog-to-Digital Converter The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital ...
|
MICROCHIP[Microchip Technology]
|
TCM810 TCM809 |
3-Pin Microcontroller Reset Monitors(3寮??寰???跺?澶??????? IC,VOLT DETECTOR,FIXED, 4.63V,CMOS,TSSOP,6PIN,PLASTIC The TCM809 and TCM810 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output is driven
|
Microchip Technology Inc.
|
TC1275 TC1275-20ENBTR TC1275-10ENBTR TC1275-5ENBTR |
(TC1275 / TC1276 / TC1277) 3-Pin Reset Monitors for 3.3V Systems The TC1275, TC1276 and TC1277 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide ... The TC1275, TC1276 and TC1277 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output i
|
Microchip Technology Inc.
|
HYB25D128160AT-6 HYB25D128400AT-7 HYB25D128800AT-7 |
DDR SDRAM Components - 128Mb (8Mx16) DDR333 (2.5-3-3) DDR SDRAM Components - 128Mb (32Mx4) DDR266A (2-3-3) DDR SDRAM Components - 128Mb (16mx8) DDR266A (2-3-3) 128 Mbit Double Data Rate SDRAM
|
Infineon
|
P0502NL P0527NL P0429NL P0422NL P0420NL P0421NL P0 |
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
|
Pulse A Technitrol Company
|
B39431-B3575-U310 B3575 |
SAW Components Low Loss Filter 433,92 MHz SAW Components Low-loss Filter
|
EPCOS AG EPCOS[EPCOS]
|
PE-53112NL PE-53113NL PE-52626 |
Inductors Designed for National’s 50 kHz Simple Switcher Inductors Designed for Nationals 50 kHz Simple Switcher
|
Pulse A Technitrol Company
|
MBS1230-22 MBS1205 MBS1205-22 MBS1210-22 MBS1215-2 |
Equipment Designed to Meet EMI Regulations Such As VCCI /CISPR /FCC /VDE /etc Equipment Designed to Meet EMI Regulations Such As VCCICISPRFCCVDEetc Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
|
LAMBDA[DENSEI-LAMBDA]
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
.16.160 21606.3 21601.6 216.200 216004 |
MINI STEREO HEAD PHONE EXTENSION CORD 10FT 轴向引线和墨盒保险丝- IEC标准设计 Axial Lead and Cartridge Fuses - Designed to IEC Standard 轴向引线和墨盒保险丝- IEC标准设计 Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:8-2 Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|