PART |
Description |
Maker |
BCL453232 BCL453232-R82M BCL453232-1R0K BCL453232- |
1 ELEMENT, 8.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1812 Industry Size Surface Mount Inductors
|
BI TECHNOLOGIES CORP BITECH[Bi technologies] ETC[ETC] N.A. List of Unclassifed Manufacturers
|
RC1210JR-0791RL |
RES 91-OHM 5% 0.5W THICK-FILM SMD-1210 5K/REEL-7IN-PA RESISTOR, METAL GLAZE/THICK FILM, 0.5 W, 5 %, 100 ppm, 91 ohm, SURFACE MOUNT, 1210
|
Yageo, Corp.
|
B82412-AXXX |
Size 1210 (EIA) or 3225 (IEC) Rated inductance
|
EPCOS
|
V36SE V36SE05010 V36SE05010NRFA |
Industry standard 1/16th brick size & pinout
|
Delta Electronics, Inc.
|
QTLP650C-RY QTLP650C-RAG QTLP650CRAGTR QTLP650CRYT |
Red / Yellow Surface Mount LED Lamp - Super Bright 1210 Red / Yellow-Green Surface Mount LED Lamp - Super Bright 1210 SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
PFUF.005.2 PFUF.010.2 PFUF.020.2 PFUF.035.2 PFUF.0 |
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
|
Schurter Inc.
|
BL-HG433 BL-HG633 BL-HGE33 BL-HG033 BL-HUB33 BL-HX |
SURFACE MOUNT CHIP LED LAMPS 表面贴装芯片LED节能 2.5V 288-mc CPLD - NOT RECOMMENDED for NEW DESIGN 表面贴装芯片LED节能 SWITCH ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Aluminum Polymer-Layered Capacitor; Capacitance: 600uF; Voltage: 6.3V; Case Size: 16.7x12.5 mm; Packaging: Bulk High Speed CMOS Logic Hex Inverters 14-PDIP -55 to 125 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 3.4x1.9 mm; Packaging: Tape & Reel
|
Yellow Stone, Corp. 早安股份有限公司 ?╁??′唤??????
|
B82422-H1683-K100 B82422-H1102-K100 B82422-H1103-K |
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
|
EPCOS AG EPCOS[EPCOS]
|
NMC-H1210NPO471C1KVTRPLPF NMC-H1210NPO471C1KVTRPF |
CAPACITOR, CERAMIC, MULTILAYER, 1000 V, C0G, 0.00047 uF, SURFACE MOUNT, 1210 CHIP, ROHS COMPLIANT
|
NIC Components, Corp.
|
CL32B106KPINFNE |
CAPACITOR, CERAMIC, MULTILAYER, 10 V, X7R, 10 uF, SURFACE MOUNT, 1210 CHIP, HALOGEN FREE & ROHS COMPLIANT
|
Semtech, Corp.
|
FDG6317NZ |
Compact industry standard SC70-6 surface mount package
|
TY Semiconductor Co., L...
|
12065E103ZAT2A 12063E224ZAT2A 12105E334ZAT2A |
CAP 0.01UF 50V 80-20% Z5U SMD-1206 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 50 V, Z5U, 0.01 uF, SURFACE MOUNT, 1206 CAP 0.22UF 25V 80-20% Z5U SMD-1206 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 0.22 uF, SURFACE MOUNT, 1206 0.33 UF -20/80% Z5U 50V CHIP CAP (1210) CAPACITOR, CERAMIC, MULTILAYER, 50 V, Z5U, 0.33 uF, SURFACE MOUNT, 1210
|
AVX, Corp.
|
|