Part Number Hot Search : 
T88SC PLW0501D BA6680FS T74FC 20040 BA3426AS REB154 UM2S1020
Product Description
Full Text Search
  ferrite-core Datasheet PDF File

For ferrite-core Found Datasheets File :: 3414    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF36 IRF-36

VISAY[Vishay Siliconix]
Part No. IRF36 IRF-36
OCR Text ferrite core is used in this epoxy conformally coated choke which allows for inductance values to 1000H. * Axial lead type, small lightweight design. * Special magnetic core structure contributes to high Q and self-resonant frequencies. * T...
Description Inductors Epoxy Conformal Coated, Axial Leaded

File Size 113.79K  /  1 Page

View it Online

Download Datasheet





    ZXM64NO3X ZXRD1050NQ16 ZXRD1050PQ16

Zetex Semiconductors
Part No. ZXM64NO3X ZXRD1050NQ16 ZXRD1050PQ16
OCR Text ...real cost penalty) plus a small ferrite bead . This means that the synchronous FET is only enhanced when the main FET is turned off. This re...core as the main winding and only has to handle enough current to charge the gate of the synchronous...
Description HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS

File Size 285.29K  /  28 Page

View it Online

Download Datasheet

    LT1109 LT1109-12 LT1109-5 LT1109CN8 LT1109CN8-12 LT1109CN8-5 LT1109CS8 LT1109CS8-12 LT1109CS8-5 LT1109CZ-12 LT1109CZ-5

Linear Technology Corporation
LINER[Linear Technology]
Part No. LT1109 LT1109-12 LT1109-5 LT1109CN8 LT1109CN8-12 LT1109CN8-5 LT1109CS8 LT1109CS8-12 LT1109CS8-5 LT1109CZ-12 LT1109CZ-5
OCR Text ...ered with LT1109 designs, small ferrite surface-mount inductors will function well. Lastly, the inductor must have sufficiently low DC resis...core type inductors are recommended in applications where EMI must be kept to a minimum; for example...
Description Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V/ 12V

File Size 210.42K  /  8 Page

View it Online

Download Datasheet

    LT1930 LT1930A LT1930AES5 LT1930ES5 LT1930-15 LT1930A-15

LINER[Linear Technology]
Linear Technology Corporation
Part No. LT1930 LT1930A LT1930AES5 LT1930ES5 LT1930-15 LT1930A-15
OCR Text ...sizes and shapes are available. Ferrite core inductors should be used to obtain the best efficiency, as core losses at 1.2MHz are much lower for ferrite cores than for cheaper powdered- U W U U iron types. Choose an inductor ...
Description From old datasheet system
DC to DC Converter - Datasheet Reference
2.2MHz Boost DC/DC Converter in SOT-23
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
1A/ 1.2MHz/2.2MHz/ Step-Up DC/DC Converters
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT

File Size 189.08K  /  12 Page

View it Online

Download Datasheet

    LT1932 LT1932ES6

LINER[Linear Technology]
Linear Technology Corporation
Part No. LT1932 LT1932ES6
OCR Text ...es at 1.2MHz are much lower for ferrite cores that for the cheaper powdered-iron ones, ferrite core inductors should be used to obtain the best efficiency. Choose an inductor that can handle at least 0.5A and ensure that the inductor has a ...
Description    Constant-Current DC/DC LED Driver in ThinSOT
From old datasheet system
DC to DC Converter - Datasheet Reference

File Size 233.91K  /  16 Page

View it Online

Download Datasheet

    MRF177

MOTOROLA[Motorola, Inc]
Part No. MRF177
OCR Text ...MS1 R3 C14 + + C15 C16 L1 FERRITE BEAD FERRITE BEAD FERRITE BEAD L2 C17 + C18 MRF177 T3 C10 MS3 C7 MS2 MS4 C8 C9 C11 T4 ...CORE 2.0 25 COAX, .075 DIA. 2.1 10 COAX, .075 DIA. 4.0 50 COAX, .0865 DIA. Dielectric Thickness =...
Description N-CHANNEL BROADBAND RF POWER MOSFET

File Size 184.73K  /  6 Page

View it Online

Download Datasheet

    1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 134

Agere Systems
Part No. 1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 1340TNPC 1340-TYPE
OCR Text ...eceiver power supply pins. the ferrite bead should have as high an impedance as possible in the frequency range that is most likely to c...core/125 m cladding multimode fiber. the standard fiber has a 0.036 in. (914 m) diameter tight-buff...
Description Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
1340-Type Lightwave Receiver

File Size 110.45K  /  12 Page

View it Online

Download Datasheet

    1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC 1345CMPC 1345CNPC 1345FAPC 1345FBPC 1345FMPC 1345FNPC 1345TBPC 1345-TY

AGERE[Agere Systems]
Part No. 1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC 1345CMPC 1345CNPC 1345FAPC 1345FBPC 1345FMPC 1345FNPC 1345TBPC 1345-TYPE 1345TMPD 1345CAPD 1345CBPD 1345CNPD 1345FAPD 1345FNPD 1345TAPD 1345TBPD 1345TNPD 1345FMPD 1345FBPD 1345CMPD
OCR Text ...eceiver power supply pins. the ferrite bead should have as high an impedance as possible in the frequency range that is most likely to ca...core and itu-t g.958 compliant jitter transfer telcordia technologies gr-253-core and itu-t g.958 c...
Description 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector SC.
1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC.
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC.
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST.
1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC.
1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC.
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC.
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:Low Loss UL AWM Style 1354; Capacitance:24.80pF RoHS Compliant: Yes
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Matte Black RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
1345-Type Receiver with Clock Recovery and Data Retiming
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector ST.
1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector SC.
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC.
1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST.
1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector ST.

File Size 90.47K  /  12 Page

View it Online

Download Datasheet

For ferrite-core Found Datasheets File :: 3414    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ferrite-core

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2713100910187