PART |
Description |
Maker |
MAX3784 MAX3783 MAX3781 |
2.75Gbps Dual Mux/Buffer From old datasheet system 2.7Gbps Dual Mux/Buffer with Loopback 5Gbps PC Board Equalizer
|
MAXIM - Dallas Semiconductor
|
BCM8128BIFB |
MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
|
Broadcom Corporation.
|
MAX4694EGE-T |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC16
|
Maxim Integrated Products, Inc.
|
IDTQS3VH253 IDTQS3VH253-PA IDTQS3VH253-Q IDTQS3VH2 |
2.5V/3.3V Dual 4:1 Mux/Demux High Bandwidth Bus Switch QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
|
IDT Integrated Device Technology
|
MAX4691 MAX4691EBE-T MAX4691EGE MAX4691-MAX4694 MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package " Low-Voltage, 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
MC10H135 MC10H135FN MC10H135L MC10H135P ON0754 MC1 |
From old datasheet system L SUFFIX CERAMIC PACKAGE Dual J-K Master-Slave Flip-Flop Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 Autoswitching Power Mux 8-TSSOP -40 to 85 10H SERIES, POSITIVE EDGE TRIGGERED JBAR-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
ADN2847ACP-32 ADN2847ACP-32-RL ADN2847ACP-32-RL7 A |
3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver Anyrate from 50 Mbps to 3.3 Gbps, Dual-loop Control Laser Diode Driver IC 3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver SPECIALTY INTERFACE CIRCUIT, QCC32
|
AD[Analog Devices] Analog Devices, Inc.
|
SN74LS451 |
Dual 8:1 Mux
|
Monolithic Memories
|
PI5C3253 PI5C3253L PI5C3253LE PI5C3253Q PI5C3253QE |
Dual 4:1 Mux/DeMux Bus Switch
|
PERICOM[Pericom Semiconductor Corporation]
|
ADG836 ADG836YRM ADG836YRM-REEL ADG836YCP-REEL ADG |
0.5 Ω CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
|
Analog Devices
|