PART |
Description |
Maker |
M100FG |
10000 V rectifier 10-100 mA forward current,200 ns recovery time
|
Voltage Multipliers, Inc.
|
SHM40SMS SHM60SMS SHM80SMS SHM100SMS SHM15SMS SHM2 |
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I... SSDI[Solid States Devices, Inc]
|
HMC61110 |
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz 1 MHz - 10000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 15 dBm INPUT POWER-MAX
|
http:// HITTITE MICROWAVE CORP Hittite Microwave Corporation
|
WCR2512-10KFI WCR0402-10KFI WCR0201-10KFI WCR1210- |
50General Purpose Surface Mounted Resistors RESISTOR, 1 W, 1 %, 200 ppm, 10000 ohm, SURFACE MOUNT, 2512 50General Purpose Surface Mounted Resistors RESISTOR, 0.063 W, 1 %, 100 ppm, 10000 ohm, SURFACE MOUNT, 0402 50General Purpose Surface Mounted Resistors RESISTOR, 0.05 W, 1 %, 250 ppm, 10000 ohm, SURFACE MOUNT, 0201 50General Purpose Surface Mounted Resistors RESISTOR, 0.25 W, 1 %, 100 ppm, 10000 ohm, SURFACE MOUNT, 1210
|
Welwyn Components, Ltd.
|
SP4-2512/883 SP2-2512/883 SP4-2510-2 SP3-2512-2 SP |
OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, MBCY8 METAL CAN-8 OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8
|
Ecliptek, Corp.
|
X100FF5 X100FF3 X150FF3 X150FF5 |
15000 V rectifier 50-420mA forward current,50 ns recovery time 10000 V rectifier 50-420mA forward current,50 ns recovery time 2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
|
Voltage Multipliers List of Unclassifed Manufacturers
|
MX29LV161TTC-70 MX29LV161TTC-90R MX29LV161TTC-70R |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1A 20V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 1A 20V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 1M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Macronix International Co., Ltd. http://
|
LT10000-S |
Current Transducer LT 10000-S
|
LEM[LEM]
|
CGS103U075R4L3PH CGS103U075R4L4PHS CGS103U075R4L3P |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, STUD MOUNT RADIAL LEADED, CAN
|
Aerovox, Corp.
|
SFT1305 |
10000 mA, 45 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
SANYO SEMICONDUCTOR CO LTD
|
18106C |
1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR
|
C&D TECHNOLOGIES INC
|
K155 |
DUAL OP-AMP, 10000 uV OFFSET-MAX, CDFM14
|
MS KENNEDY CORP
|
|