Part Number Hot Search : 
3102A 3102A F25NM60 AKD41 IRFR3704 LD2501 P4KA11 252054B
Product Description
Full Text Search
  10-40 Datasheet PDF File

For 10-40 Found Datasheets File :: 403845    Search Time::8.218ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TA040-060-40-40

Transcom, Inc.
Part No. TA040-060-40-40
OCR Text ...ture Range -30 1.7:1 1.7:1 12 8 10 60 39 40 0 +/-15 2:1 2:1 MIN 4 40 1 5 2 TYP MAX 6 UNITS GHz dB dB dB dBm dBm dBm Degree ----------Volt A usec C Outline : HA2 Connectors : SMA (F) TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-...
Description 4 - 6 GHz 10W Amplifier

File Size 13.40K  /  1 Page

View it Online

Download Datasheet





    40-516-10 40-516-11M 24-516-11M 28-516-11M 40-516-11S 24-516-11S 28-516-11S

Aries Electronics, Inc.
Part No. 40-516-10 40-516-11M 24-516-11M 28-516-11M 40-516-11S 24-516-11S 28-516-11S
OCR Text ... and production. * PIN PLATING: 10 [0.254] min. Au per MIL-G-45204 over 50 [1.27] min. Ni Special materials, platings, sizes, and configurat...40 S = Short Lever Arm * SUGGESTED PCB HOLE SIZE: 0.035 0.002 [0.89 0.05] dia. Series M = Midget Lev...
Description Zero-Insertion-Force Socket
0 INSERTION FORCE SOCKET 40 PIN

File Size 418.90K  /  1 Page

View it Online

Download Datasheet

    40-C182-10 28-C182-10 24-C182-11

Aries Electronics, Inc.
ARIES ELECTRONICS INC
Part No. 40-C182-10 28-C182-10 24-C182-11
OCR Text ...0. ? pin body plating is either 10 [.25m] min. gold per mil-g-45204 or 200 [5.08 m] min. 93/7 tin/lead per astm b545 or 200 [5.08m] min. t...40 40-c300-xx 2.290 [58.20] 1.900 [48.26] .600 [15.24] .700 [17.78] 2.100 [53.34] 2.780 70.61] .570 ...
Description 40 PIN LOCK/EJECT IC SOCKET DIP40, IC SOCKET
28 PIN LOCK/EJECT IC SOCKET DIP28, IC SOCKET
DIP24, IC SOCKET

File Size 140.03K  /  1 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. BYV-10--40
OCR Text 10- 40 small signal schottky diodes description metal to silicon rectifier diodes in glass case featu- ring very low forward voltage drop and fast recovery time, intended for low voltage switching mode power supply, polarity protection and ...
Description SMALL SIGNAL SCHOTTKY DIODES

File Size 72.04K  /  4 Page

View it Online

Download Datasheet

    PDM-40-10 PDM-40-100 PDM-40-250

Merrimac Industries, Inc.
Part No. PDM-40-10 PDM-40-100 PDM-40-250
OCR Text ...20 1 - 100 100 - 200 PDM-40-250 10 - 500 10 - 500 PDM-40-10 .05 - 20 PDM-40-100 1 - 200 1 1 2 2 0.2 0.3 0.5 0.4 0.1 0.1 0.2 0.2 1.3:1 1.3:1 1.5:1 1.5:1 1.15:1 1 W 1.15:1 2 W 1.3:1 1.3:1 2 W CW input power when used as d...
Description 0 POWER DIVIDERS / COMBINERS

File Size 108.50K  /  1 Page

View it Online

Download Datasheet

    MINI[Mini-Circuits]
Part No. BDCA1-10-40
OCR Text ... -55C to 100C ! NEW BDCA1-10-40 1600 to 4000 MHz Features * * * * * * * four-port wideband, 1600-4000 MHz excellent VSWR 1.2:1 typ. all ports good flatness, 0.5 excellent power handling capability hermetically sealed minimal vari...
Description Surface Mount Bi-Directional Coupler High Power, 50з 1600 to 4000 MHz 1600 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.4 dB INSERTION LOSS-MAX
Surface Mount Bi-Directional Coupler High Power, 50 1600 to 4000 MHz
Surface Mount Bi-Directional Coupler High Power/ 50 1600 to 4000 MHz

File Size 114.17K  /  1 Page

View it Online

Download Datasheet

    QLM-40-20-10 QLM-40-20-20 QLM-119-60-10 QLM-119-60-20 QLM-119-40-10 QLM-119-40-20 QLM-60-30-10 QLM-60-30-20 QLM-80-40-10

Productwell Precision Elect.CO.,LTD
Part No. QLM-40-20-10 QLM-40-20-20 QLM-119-60-10 QLM-119-60-20 QLM-119-40-10 QLM-119-40-20 QLM-60-30-10 QLM-60-30-20 QLM-80-40-10 QLM-80-40-20 QLM-80-50-10 QLM-80-50-20 QLM-92-40-10 QLM-92-40-20 QLM-92-50-10 QLM-92-50-20 QLM-119-50-10 QLM-119-50-20
OCR Text ... 20 Fan Flange Thickness 10 or 20 10 = panel thickness from 0.75 to 1.25mm 20 = panel thickness from 1.50 to 2.50mm CUSTOM SIZES ...40-20-10 QLM-40-20-20 QLM-60-30-10 QLM-60-30-20 QLM-80-40-10 QLM-80-40-20 QLM-80-50-10 QLM-80-50-20 ...
Description QLM Fan Vibration Sleeves

File Size 668.02K  /  1 Page

View it Online

Download Datasheet

    2157-40-10-50

KR Electronics, Inc.
Part No. 2157-40-10-50
OCR Text 10-50 Bandpass Filter General Description KR 2157-40-10-50 is a 40 MHz bandpass filter. The filter has a 10% min 3 dB bandwidth and is designed for 50 source and load impedance. Other passband frequencies, bandwidths and impedances are av...
Description Bandpass Filter

File Size 17.32K  /  2 Page

View it Online

Download Datasheet

    TA031-035-40-10

Transcom, Inc.
http://
Part No. TA031-035-40-10
OCR Text 10 REV1_20040412 3.1 - 3.5 GHz Low Noise Amplifier FEATURES * P-1 dB: 15 dBm * Noise Figure: 1.1 dB * Bias Condition: 150 mA @ 15 V * Small Signal Gain: 40 dB DESCRIPTION The TA031-035-40-10 is a low noise amplifier designed for appl...
Description 3.1 - 3.5 GHz Low Noise Amplifier

File Size 25.55K  /  1 Page

View it Online

Download Datasheet

    B412-40-10 B412-40-25 B412-50-10 B412-50-25 B412-50-5 B412-20-10 B412-20-25 B412-20-5 B412-30-10 B412-30-25 B412-30-5 B4

Edal Industries, Inc.
Part No. B412-40-10 B412-40-25 B412-50-10 B412-50-25 B412-50-5 B412-20-10 B412-20-25 B412-20-5 B412-30-10 B412-30-25 B412-30-5 B412-15-10 B412-15-25 B412-15-5 B412-25-10 B412-25-25 B412-25-5 B412-40-5 B412-10-25 B412-10-5 B412-12-10 B412-12-25 B412-10-10 B412-12-5 BR412-10-10 BR412-10-25 BR412-10-5 BR412-12-10 BR412-12-25 BR412-12-5 BR412-15-10 BR412-15-25 BR412-15-5 BR412-20-10 BR412-20-25 BR412-20-5 BR412-25-10 BR412-25-25 BR412-25-5 BR412-30-10 BR412-30-25 BR412-30-5 BR412-40-10 BR412-40-25 BR412-40-5 BR412-5-10 BR412-5-25 BR412-5-5 BR412-50-10 BR412-50-25 BR412-50-5 BR412-7-10 BR412-7-25 BR412-7-5 B412 B412-5-10 B412-5-25 B412-5-5 B412-7-10 B412-7-25 B412-7-5
OCR Text ... 5 ma B412-5-5 B412-7-5 B412-10-5 B412-12-5 B412-15-5 B412-20-5 B412-25-5 B412-30-5 B412-40-5 B412-50-5 10 ma B412-5-10 B412-7-10 B412-10-10 B412-12-10 B412-15-10 B412-20-10 B412-25-10 B412-30-10 B412-40-10 B412-50-10 25ma B412-5-2...
Description Miniature High Voltage Silicon Rectifiers

File Size 480.76K  /  2 Page

View it Online

Download Datasheet

For 10-40 Found Datasheets File :: 403845    Search Time::8.218ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 10-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.54404306411743