PART |
Description |
Maker |
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
T6309A T6309A-AX T6309A-BX |
Micropower Step-up DC/DC Converter
|
Taiwan Memory Technology
|
AS1322B-BTTT ASKQ AS1322A |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
http:// ams AG
|
AS1329 AS1329A |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
austriamicrosystems AG
|
MAX630CPA MAX630MSA/PR MAX630MSA/PR-T MAX630MSA_PR |
CMOS Micropower Step-Up Switching Regulator
|
Maxim Integrated Products
|
LTC3430 LT1934ES6- LT1934ES6-1 LT1934ES6 LT1934IS6 |
Micropower Step-Down Switching Regulators in ThinSOT
|
LINER[Linear Technology]
|
SC1417BIMSTR SC1417BEVB SC1417B SC1417BIMSTRT |
MicroPower, 620kHz PWM, Step-up DC/DC Converter
|
Semtech Corporation
|
LTC3772EDDB LTC3772ETS8 |
Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
|
Linear Technology
|
AAT1217ICA-5.0-T1 AAT1217 AAT1217ICA-1.2-T1 AAT121 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
ANALOGICTECH[Advanced Analogic Technologies]
|