PART |
Description |
Maker |
PX-570 |
High Temperature Crystal Oscillator
|
Vectron International, Inc
|
DS32KHZ DS32KHZ_WBGA DS32KHZ_DIP DS32KHZ-N DS32KHZ |
32.768kHz Temperature-Compensated Crystal Oscillator 32.768 kHz Temperature-Compensated Crystal Oscillator
|
DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
A3187ELT A3187EUA A3187LLT A3187LT UGN3175SUA A318 |
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应锁存器的高温作业 SENSOR IC 5CH 5V 5MA SGL 28-SSOP Hall-Effect Latch For High-Temperature Operation(工作于高温的霍尔效应锁存 Hall-effect latche for high-temperature operation
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
NV23K07 NV23KQASDC10V NV23KASDC10V NV23KASDC12V NV |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
DS32KHZN/DIP DS32KHZ/DIP DS32KHZN/WBGA/TR-W DS32KH |
32.768kHz Temperature-Compensated Crystal Oscillator SPECIALTY ANALOG CIRCUIT, DIP14 32.768kHz Temperature-Compensated Crystal Oscillator SPECIALTY ANALOG CIRCUIT, PBGA36
|
Maxim Integrated Products, Inc.
|
MPXV6115VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system
|
Motorola
|
RCR5HXB37C15 RCR5HYA17C10 TDS5HXB37C15 TDS5HYA17C1 |
Temperature Compensated Crystal Oscillators
|
Vectron International, Inc
|