PART |
Description |
Maker |
1N5629 JANTX1N5632A JANTXV1N5665A 1N5629A 1N5630 1 |
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 CAP .068UF 100V 20% CER AXIAL 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
1.5SMC91AT3G 1.5SMC10AT3 1.5SMC11AT3 1.5SMC12AT3 1 |
1500 Watt Peak Power Zener Transient Voltage Suppressors(1500W 峰值功率齐纳抗雷管(TVS)) 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional* 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt SMC Transient Voltage Suppressors 10 V Unidir 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// ONSEMI[ON Semiconductor]
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
LC75 LC40 LC160 LC30 LC33 LC54 LC6.508 LC16 LC150 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Low Capacitance TVS; Package: DO-13; Ppp (W): 1500; Vwm (V): 20; VC (V): 35.8; ID ( uA): 5; Tol (%): 10; 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
SMC33CA SMC33C SMC9.1CA SMC10 SMC10C SMC10CA SMC11 |
Heat Sink; Package/Case:TO-220; Thermal Resistance:32 C/W; Mounting Type:Through Hole; Length:19.05mm; Height:6.35mm; Width:13.21mm; Diameter:3.81mm HEATSINK TO-220 2.5W BLK W/PINS 表面贴装单向和双向瞬态电压抑制器 SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 表面贴装单向和双向瞬态电压抑制器 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Lite-On Technology Corp... LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON SEMICONDUCTOR CORP ???绉???′唤??????
|
1.5SMC220 1.5SMC6V8 1.5SMC6V8A 1.5SMC6V8C 1.5SMC6V |
130 V, 1 mA, 1500 W unidirectional and bidirectional surface mounted transient voltage suppressor diode 1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 220 V, 1 mA, 1500 W unidirectional and bidirectional surface mounted transient voltage suppressor diode
|
List of Unclassifed Man... http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Fagor
|
1SMC9.0ABK 1SMC9.0ATR13 1SMC26ATR13 1SMC45ATR13LEA |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
LCE48 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
GENERAL SEMICONDUCTOR INC
|
SM5908 1N5908RL |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE TRANSIL
|
STMICROELECTRONICS ST Microelectronics
|
SMCJ1.5KE110AP |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
MICRO COMMERCIAL COMPONENTS
|
|