Part Number Hot Search : 
AT89C5 SFU9130 10N30 TLM812SA 38510 SKN6002 HY1418 WM9703
Product Description
Full Text Search
  rectron ltd Datasheet PDF File

For rectron ltd Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Z115 Z150 Z180 Z160 Z200A Z200 Z100 Z220 Z330 Z90 Z105 Z110 Z120 Z130 Z135 Z140 Z170 Z190 Z240 Z270 Z300

rectron[rectron Semiconductor]
rectron Electronic Enterprise Inc
rectron ltd
Part No. Z115 Z150 Z180 Z160 Z200A Z200 Z100 Z220 Z330 Z90 Z105 Z110 Z120 Z130 Z135 Z140 Z170 Z190 Z240 Z270 Z300
Description Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6"; For Use With: RoHS Compliant: NA
From old datasheet system
ZENER DIODE,SINGLE, TWO TERMINAL,200V V(Z),20%,DO-41
BK Precision Counters, Gate Time: .1-1 sec, Display: 7 Digit LED, Features: Suitable for VHF communications up to 200 MHz, high accurate time base
Code:9V; Capacitance Measuring Range:4 nF - 40 mF; Current Measuring Range:20A; RoHS Compliant: NA
, thermal & short-circuit protection, current limiting RoHS Compliant: NA
Computers, Data logging Peripherals;
Linear Power Supply; Output Voltage:64V; Output Current:15A; Number of Outputs:1; Output Current Max:15A; Output Current Min:0A; Supply Voltage Min
240 x 128 pixel format, CFL Backlight with power harness
of transistors in Lo drive; base lead in Hi drive, all leads of SCR
128 x 64 pixel format, LED Backlight available
240 x 128 pixel format, LED or EL Backlight
ADAPT FOR 844TSSOP TO 844 DIP
TEST LEAD TIPS FOR TL-2
TEST LEADS DELUXE
150 x 32 pixel format, LED Backlight available
Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6
Oscilloscope; Scope Type:Analog; Scope Bandwidth:60 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:5.8ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 170 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
Oscilloscope; Scope Type:Analog; Scope Bandwidth:100 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:3.5ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 160 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 330 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
   ZENER SILICON RETIFIER

File Size 17.35K  /  2 Page

View it Online

Download Datasheet





    SR320 SR360 SR330 SR340 SR350

rectron ltd
rectron[rectron Semiconductor]
http://
Part No. SR320 SR360 SR330 SR340 SR350
Description SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)

File Size 226.93K  /  2 Page

View it Online

Download Datasheet

    FM207 FM203 FM206 FM201 FM202 FM204 FM205

rectron ltd
Formosa MS
rectron[rectron Semiconductor]
Part No. FM207 FM203 FM206 FM201 FM202 FM204 FM205
Description SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)

File Size 22.44K  /  2 Page

View it Online

Download Datasheet

    HER205P HER204 HER201 HER208 HER202 HER203 HER205 HER206 HER207

Micro Commercial Components, Corp.
rectron[rectron Semiconductor]
Part No. HER205P HER204 HER201 HER208 HER202 HER203 HER205 HER206 HER207
Description HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere) 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15

File Size 43.17K  /  2 Page

View it Online

Download Datasheet

    RS603M RS606M RS605M RS604M RS601M RS602M RS607M RS602

Micro Commercial Components
rectron[rectron Semiconductor]
Part No. RS603M RS606M RS605M RS604M RS601M RS602M RS607M RS602
Description 6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)

File Size 23.61K  /  2 Page

View it Online

Download Datasheet

    1S20 1S50 1S60 1S30 1S40 1S3.

http://
rectron[rectron Semiconductor]
二极射频、小信号、开关、功
Part No. 1S20 1S50 1S60 1S30 1S40 1S3.
Description SCHOTTKY BARRIER RECTIFIER
Bud Adjustable Open Rack Shelves, Shelf Depth: 16 , Material: 16 gauge Steel, Finish: Metallic Gray, Features: Shelves fit in standard 19 width panel spaces, each supports up to 150 lbs, shelf depth is adjustable within the rack

File Size 26.73K  /  2 Page

View it Online

Download Datasheet

    P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 P6KE20 P6KE33A P6KE47 P6KE18A P6KE10 P6KE100 P6KE10A P6KE11 P6KE110 P

rectron[rectron Semiconductor]
Shanghai Sunrise Electronics
Part No. P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 P6KE20 P6KE33A P6KE47 P6KE18A P6KE10 P6KE100 P6KE10A P6KE11 P6KE110 P6KE110A P6KE11A P6KE12 P6KE120 P6KE120A P6KE12A P6KE13 P6KE130 P6KE130A P6KE13A P6KE15 P6KE150 P6KE150A P6KE15A P6KE16 P6KE160 P6KE160A P6KE16A P6KE170 P6KE170A P6KE180 P6KE180A P6KE200A P6KE22 P6KE220 P6KE220A P6KE22A P6KE24 P6KE24A P6KE250 P6KE250A P6KE27 P6KE27A P6KE30 P6KE300 P6KE300A P6KE30A P6KE350 P6KE350A P6KE36 P6KE36A P6KE39 P6KE39A P6KE400 P6KE400A P6KE43 P6KE43A P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A P6KE62 P6KE62A P6KE68 P6KE68A P6KE75 P6KE75A P6KE82A P6KE91 P6KE91A
Description GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
Power Amplifier Driver 32-VQFN -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
Wireless 27MHz Dual receiver 28-TSSOP -40 to 85
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W

File Size 1,044.25K  /  5 Page

View it Online

Download Datasheet

    1N4745A 1N4729A 1N4728A 1N4734A 1N4747A 1N4756A 1N4730A 1N4738A 1N4742A 1N4731A 1N4757A 1N4732A 1N4733A 1N4735A 1N4736A

rectron ltd
rectron[rectron Semiconductor]
http://
Hitachi Semiconductor
Part No. 1N4745A 1N4729A 1N4728A 1N4734A 1N4747A 1N4756A 1N4730A 1N4738A 1N4742A 1N4731A 1N4757A 1N4732A 1N4733A 1N4735A 1N4736A 1N4737A 1N4739A 1N4740A 1N4741A 1N4743A 1N4744A 1N4746A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A
Description    1W 5% DO-41 ZENER DIODE
PTDA 1,5/ 2-PH-3,5
surface mount silicon Zener diodes 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
surface mount silicon Zener diodes 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
surface mount silicon Zener diodes 30 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
Zener Diodes for Stabilized Power Supply

File Size 18.69K  /  2 Page

View it Online

Download Datasheet

    rectron[rectron Semiconductor]
PanJit International, Inc.
Part No. 1A7G 1A1G 1A2G 1A3G 1A4G 1A5G 1A6G
Description    GLASS PASSIVATED JUNCTION SILICON RECTIFIER
GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE
GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE

File Size 21.85K  /  2 Page

View it Online

Download Datasheet

    FR104 FR107 FR107P FR103 FR102 FR105 FR105P FR101 FR106

Chenyi Electronics
rectron[rectron Semiconductor]
Part No. FR104 FR107 FR107P FR103 FR102 FR105 FR105P FR101 FR106
Description FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Ampere
FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)

File Size 25.20K  /  2 Page

View it Online

Download Datasheet

For rectron ltd Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rectron ltd

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69982314109802