Part Number Hot Search : 
MP1508W 40N60C3 CY7C135 62W448 1N4757 AN152 RM507615 SW10N60
Product Description
Full Text Search

M55342 - QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip RESISTOR, THIN FILM, 0.1 W, 1 %, 50 ppm, 57600 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 1 %, 100 ppm, 57600 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 100 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 300 ppm, 18 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 50 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 100 ppm, 18 ohm, SURFACE MOUNT, 1206 CHIP

M55342_5010657.PDF Datasheet

 
Part No. M55342 M55302 D55342H07B57E6TBS D55342H07B57E6TT0 D55342H07B57E6TT1 D55342H07B57E6TT3 D55342H07B57E6TT5 D55342H07B57E6TTF D55342H07B57E6TTI D55342H07B57E6TTP D55342H07B57E6TTS D55342H07B57E6TWI D55342H07B57E6TWP D55342H07B57E6TWS D55342K07B57E6TBSV D55342K07B57E6TT0V D55342K07B68G0TTIV D55342M07B18G0TTIV D55342H07B68G0TTI D55342K07B18G0TTIV D55307 M55304
Description QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
RESISTOR, THIN FILM, 0.1 W, 1 %, 50 ppm, 57600 ohm, SURFACE MOUNT, 1206 CHIP
RESISTOR, THIN FILM, 0.1 W, 1 %, 100 ppm, 57600 ohm, SURFACE MOUNT, 1206 CHIP
RESISTOR, THIN FILM, 0.1 W, 2 %, 100 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP
RESISTOR, THIN FILM, 0.1 W, 2 %, 300 ppm, 18 ohm, SURFACE MOUNT, 1206 CHIP
RESISTOR, THIN FILM, 0.1 W, 2 %, 50 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP
RESISTOR, THIN FILM, 0.1 W, 2 %, 100 ppm, 18 ohm, SURFACE MOUNT, 1206 CHIP

File Size 58.11K  /  4 Page  

Maker


Vishay Siliconix
Vishay Intertechnology, Inc.



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: M5537
Maker: OKI
Pack: QFP
Stock: 62
Unit price for :
    50: $2.77
  100: $2.63
1000: $2.49

Email: oulindz@gmail.com

Contact us

Homepage http://www.vishay.com
Download [ ]
[ M55342 M55302 D55342H07B57E6TBS D55342H07B57E6TT0 D55342H07B57E6TT1 D55342H07B57E6TT3 D55342H07B57E6 Datasheet PDF Downlaod from Datasheet.HK ]
[M55342 M55302 D55342H07B57E6TBS D55342H07B57E6TT0 D55342H07B57E6TT1 D55342H07B57E6TT3 D55342H07B57E6 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for M55342 ]

[ Price & Availability of M55342 by FindChips.com ]

 Full text search : QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip RESISTOR, THIN FILM, 0.1 W, 1 %, 50 ppm, 57600 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 1 %, 100 ppm, 57600 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 100 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 300 ppm, 18 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 50 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, THIN FILM, 0.1 W, 2 %, 100 ppm, 18 ohm, SURFACE MOUNT, 1206 CHIP


 Related Part Number
PART Description Maker
D55342_07 D55342XXXX M55342_12 M55342 M55342_01 M5 QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
VISAY[Vishay Siliconix]
D55342K02B10E0RTPT D55342M02B10E0RTPT M55342K02B10 Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Vishay Siliconix
http://
RCWPM M55342K02U10E0T M55342K02U10E0R M55342K02U10 Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM 厚膜晶片电阻,军成立可靠性的MIL -脉冲重复频率- 55342合格,请键入rm
Vishay Intertechnology,Inc.
Vishay Intertechnology, Inc.
CYR53 CYR52 CYR51 Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
AVX Corporation
CYR10 Glass Capacitors CYR10, 15 (Established Reliability) M23269/01, 02 (QPL to MIL-PRF-23269)
AVX Corporation
RCMRCWPMRCWM Military/Established Reliability MIL-R-55342/2/3/4/5/6/7/8/9/10 Qualified, Type RM, Verified Failure Rate, Variety of Termination Material, One-Surface and Wraparound Terminations
Vishay
MS75101 MS18130 MS90538 MS75083 MS75084 MS75085 Inductors Military, MIL-PRF-15305 Qualified, Type LT, Molded
Vishay Siliconix
IMS-5 Military, MIL-PRF-15305 Qualified, Type LT and Commercial, Molded, Shielded
Vishay Intertechnology,Inc.
VISAY[Vishay Siliconix]
MS21426 MS21426-14RU Inductors Military, MIL-PRF-15305 Qualified, Type LT, Molded, Shielded, Miniature
Vishay Siliconix
G-1-80 G-1-380 G-5C G-10 G-3-380 G-3-80 Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Vishay Siliconix
M8340101K1004FAD04 M8340101K1004FADSL M8340101K100 Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Vishay Siliconix
RWR81NR100FR RWR71S1002FR Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Vishay Siliconix
 
 Related keyword From Full Text Search System
M55342 ocr M55342 phase M55342 maker M55342 filetype:pdf M55342 microchip
M55342 Control M55342 usb circuit diagram M55342 led M55342 logic M55342 bookmark
 

 

Price & Availability of M55342

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.15313100814819