PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MIC530808 MIC5308-1.8YMTTR MIC5308-1.5YMT MIC5308- |
Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ 1.8 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6 1.2 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 0.8 V-2 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6
|
Micrel Semiconductor MICREL INC
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LX8587X LX8587_87A-00 LX8587_87A-15 LX8587_87A-33 |
3A Low Dropout Positive Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3
|
http:// MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
LT1529 LT1529-3.3 LT1529-5 LT1529CQ LT1529CQ-3.3 L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PZFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 CONNECTOR ACCESSORY 3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MIC5305 MIC5305-1.5BD5 MIC5305-1.5BML MIC5305-1.8B |
150mA UCap Ultra-Low Dropout LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.11 V DROPOUT, PDSO6 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1.5 V FIXED POSITIVE LDO REGULATOR, 0.11 V DROPOUT, PDSO5 150mA UCap Ultra-Low Dropout LDO Regulator 2.85 V FIXED POSITIVE LDO REGULATOR, 0.085 V DROPOUT, PDSO6 Replaced by PT6214,PTN78060W :
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MAX8511 MAX8512 MAX8510 MAX8510_06 MAX8510EXK12T M |
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5 3.1 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AZ1086D-1.8E1 AZ1086D-1.5E1 AZ1086T-1.5E1 AZ1086T- |
1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 GREEN, TO-220, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 1.5A LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing, Ltd. BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|
NCV5501DT50G NCV5501DT50RKG NCP5501DT33RKG NCP5500 |
500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.0 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.3 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO4 500 mA Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.073 V DROPOUT, PSSO4
|
ON Semiconductor
|
|