PART |
Description |
Maker |
M80-8421742 M80-8421745 M80-8420745 M80-8422242 M8 |
DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY - LATCHED (RoHS)
|
Harwin Plc
|
M80-8991701 M80-8991705 M80-8990201 M80-8990205 M8 |
DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY LARGE BORE (22 AWG)
|
Harwin Plc
|
M80-8980201 M80-8980205 M80-89802T6 M80-8980701 M8 |
DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY SMALL BORE (24-28 AWG) DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY SMALL BORE (24-28 AWG)
|
Harwin Plc
|
M80-8981705 |
Datamate L-Tek SIL Female Small Bore Crimp Connector, gold clip gold shell, 17-way 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
M52-040000P1045 |
1.27MM PITCH SIL SURFACE MOUNT PIN HEADER
|
Harwin Plc
|
M20-8770246 |
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY (LEFT-HANDED LEAD)
|
Harwin Plc
|
M40-3011346R |
1.00mm Pitch SIL Vertical SMT Pin Header, tin, 13-way, Tape & Reel
|
HARWIN INC
|
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M22-2013905 M22-2012505 M22-2013646 M22-2014646 M2 |
2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39-way 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 25-way 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 36-way 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 46-way 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 16-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 24-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 27-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 28-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 49-way
|
Harwin PLC HARWIN INC
|
SIL12-1A75-71L SIL12-1A75-71LDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
SIL24-1A75-71M SIL24-1A75-71MDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
|