PART |
Description |
Maker |
SC16C2550B SC16C2550BIA44 SC16C2550BIB48 SC16C2550 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
|
Philips Semiconductors
|
SC68C752BIBS SC68C752B SC68C752BIB48 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
|
PHILIPS[Philips Semiconductors]
|
SC16C752BIBS128 SC16C752BIBS151 SC16C752BIBS157 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs; Package: SOT617-1 (HVQFN32); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
SC16C652BIB48 SC16C652BIBS |
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
|
NXP Semiconductors
|
SC68C652BIB48 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
|
NXP Semiconductors
|
SC16C852LIB SC16C852L SC16C852LIBS |
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
|
Philips Semiconductors NXP Semiconductors
|
SC16C554DBIA68 SC16C554BIB80 SC16C554BIBM SC16C554 |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
|
NXP Semiconductors
|
SC16C850SVIBS SC16C850SV |
1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
|
NXP Semiconductors
|
SC16C850IET SC16C850IBS SC16C850 |
2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
|
NXP Semiconductors
|
SC16C850LIET |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
|
NXP Semiconductors
|
ISL54216EVAL1Z ISL54216IRTZ ISL54216IRTZ-T ISL5421 |
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
|
Intersil Corporation
|
|