PART |
Description |
Maker |
AM79C971 AM79C971KCW AM79C971VCW |
PCnet?FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus IC LOGIC 16211 24-BIT FET BUS SWITCH -40 85C TSSOP-56 35/TUBE PCnetFAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
|
Advanced Micro Devices, Inc.
|
LAN91C96I07 LAN91C96ITQFP LAN91C96I-MU LAN91C96IQF |
Non-PCI Single-Chip Full Duplex Ethernet Controller
|
SMSC[SMSC Corporation]
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
MN864602 |
Full Duplex AV Controller
|
Panasonic
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
SP1490E SP1490ECN SP1490ECN_TR SP1490ECP SP1490EEN |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
RTL8019AS |
Full-Duplex Ethernet Controller
|
Realtek
|
CS6422-ISZ CDB6422 CS6422 CS6422-CS CS6422-CSZ CS6 |
Enhanced Full-Duplex Speakerphone IC
|
CIRRUS[Cirrus Logic]
|
CX20873 |
Full duplex stereo I2S/PCM
|
Conexant Systems, Inc
|
ADM2582E ADM2587E |
2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (16Mbps) 2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (500kbps)
|
Analog Devices
|
OTS-1V2ATR1DTR1ETR |
Optiva Standard, 1 Composite Video, 2 Duplex Analog Audio,1 Duplex RS-232/422/485 and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|
|