|
|
|
Electronic Theatre Controls, Inc.
|
Part No. |
RTL8029AS
|
Description |
realtek pci full-duplex Ethernet Controller with built-in SRAM 瑞昱的pci全双工以太网控制器,内置的SRAM
|
File Size |
593.97K /
41 Page |
View
it Online |
Download Datasheet |
|
|
|
AD[Analog Devices] Analog Devices, Inc.
|
Part No. |
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 ADM4851 ADM4850NBSP ADM4850 ADM4850ACP-REEL7 ADM4850AR ADM4850ACP-REEL ADM4853ACP-REEL ADM4850AR-REEL ADM4857AR-REEL7 ADM4850AR-REEL7 ADM4851ACP-REEL ADM4851ACP-REEL7 ADM4851AR ADM4851AR-REEL ADM4851AR-REEL7 ADM4852ACP-REEL ADM4852ACP-REEL7 ADM4852AR ADM4852AR-REEL ADM4852AR-REEL7 ADM4853ACP-REEL7 ADM4853AR ADM4853AR-REEL ADM4853AR-REEL7 ADM4854AR ADM4855AR ADM4855AR-REEL ADM4855AR-REEL7 ADM4856AR ADM4856AR-REEL ADM4856AR-REEL7 ADM4857AR ADM4857AR-REEL ADM4854AR-REEL7 ANALOGDEVICESINC-ADM4856AR-REEL
|
Description |
5 V Slew-Rate Limited Half- and full-duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and full-duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and full-duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and full-duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
File Size |
254.02K /
16 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices, Inc.
|
Part No. |
ADM3491 ADM3491AR ADM3491AN ADM3491ARU
|
Description |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
File Size |
282.55K /
12 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|