PART |
Description |
Maker |
LT1468 LT1468CN8 LT1468CS8 LT1468IN8 LT1468IS8 146 |
90MHz, 22V/us 16-Bit Accurate Operational Amplifier 90MHz/ 22V/us 16-Bit Accurate Operational Amplifier From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1469ACDF-PBF LT1469ACDF-TRPBF 1469 |
Dual 90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
AD1154 AD1154AD AD1154BD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 低成本,16位精确的采样保持放大 Low Cost/ 16-Bit Accurate Sample-and-Hold Amplifier Low Cost, 16-Bit Accurate Sample-and-Hold Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4430 MAX4430ESA MAX4430EUK-T MAX4431 MAX4431ESA |
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low-Distortion Op Amps Dual-Supply / 180MHz / 16-Bit Accurate / Ultra-Low Distortion Op Amps Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps " Dual- Supply, 180MHz, 16-Bit Accurate, Ultra-Low- Distortion Op Amp in SOT23 Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD5062BRJ-1 AD5063BRM-1 AD5062BRJ-3 AD5040 AD5060 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23 2.7 V-5.5 V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a Sot 23 2.7V-5.5V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a MSOP
|
AD[Analog Devices]
|
ADT7408CCPZ-REEL7 ADT7408CCPZ-REEL ADT7408CCPZ-R2 |
2C Accurate, 12-Bit Digital Temperature Sensor -2 C Accurate, 12-Bit Digital Temperature Sensor
|
AD[Analog Devices]
|
ADT75ARM-REEL ADT75ARM-REEL7 ADT75BRMZ-REEL7 ADT75 |
-1C Accurate, 12-Bit Digital Temperature Sensor -1∑C Accurate, 12-Bit Digital Temperature Sensor
|
AD[Analog Devices]
|
ADT7408 |
卤 2掳C Accurate, 12-Bit Digital Temperature Sensor
|
AD
|
AD5060 AD5061 AD5065 AD5064ARUZ-1 AD5064ARUZ-1REEL |
Fully Accurate, Quad, 16-Bit, Buffered VOUT, 4.5 V to 5.5 V <i><span style="text-transform: lowercase;">nano</span></i>DAC<sup>®</sup> with SPI Interface Fully Accurate, Quad, 14-Bit, Buffered VOUT, 4.5 V to 5.5 V <i><span style="text-transform: lowercase;">nano</span></i>DAC<sup>®</sup> with SPI Interface Fully Accurate, Quad, 12-Bit, Buffered VOUT, 4.5 V to 5.5 V <i><span style="text-transform: lowercase;">nano</span></i>DAC<sup>®</sup> with SPI Interface Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
PM1012AZ PM1012AZ/883C PM156Z PM156J PM156AJ PM156 |
2.5µA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Analog to Digital Converter Operational Amplifier 运算放大
|
Rochester Electronics, LLC
|
AT30TS750A AT30TS750A-14 |
9- to 12-bit Selectable, 卤0.5掳C Accurate Digital Temperature Sensor with Nonvolatile Registers
|
Atmel, Corp. ATMEL Corporation
|
AT30TSE754-XM8-T |
9- to 12-bit Selectable, ±0.5°C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
|
ATMEL Corporation
|