Part Number Hot Search : 
75000 MC332 3EZ150D MC34011P D2415 N60UF D2415 18600152
Product Description
Full Text Search
  amplifi Datasheet PDF File

For amplifi Found Datasheets File :: 346    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HMC750LP4

Hittite Microwave Corporation
Part No. HMC750LP4
OCR Text ... 16mm2 hmc750lp4e is a limiting amplifi er designed to sup- port data transmission rates up to 12.5 gbps. the amplifi er can operate over a wide range of input voltage levels and provides constant-level differential output swing. hmc750l...
Description 12.5 Gbps Limiting amplifier SMT

File Size 425.74K  /  10 Page

View it Online

Download Datasheet





    HMC33909

Hittite Microwave Corporation
Part No. HMC33909
OCR Text ...mic mixer with an integrated lo amplifi er which can be used as an upconverter or downconverter. the chip utilizes a gaas phemt technology that results in a small overall chip area of 1.07mm 2 . the 2lo to rf isolation is excellent eli...
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz

File Size 308.29K  /  8 Page

View it Online

Download Datasheet

    HMC634

Hittite Microwave Corporation
Part No. HMC634
OCR Text ...34 is a gaas mmic phemt driver amplifi er die which operates between 5 and 20 ghz. the amplifi er provides up to 22 db of gain, +31 dbm output ip3, and up to +23 dbm of output power at 1 db gain compression, while requiring 180 ma from ...
Description GaAs PHEMT MMIC DRIVER amplifiER, 5 - 20 GHz

File Size 288.86K  /  8 Page

View it Online

Download Datasheet

    HMC634LC409

Hittite Microwave Corporation
Part No. HMC634LC409
OCR Text ...c4 is a gaas phemt mmic driver amplifi er in a leadless 4 x 4 mm ceramic surface mount package which operates between 5 and 20 ghz the amplifi er provides up to 21 db of gain, +29 dbm output ip3, and +22 dbm of output power at 1 db gai...
Description GaAs PHEMT MMIC DRIVER amplifiER, 5 - 20 GHz

File Size 258.00K  /  6 Page

View it Online

Download Datasheet

    MS6336

MOSA ELECTRONICS
Part No. MS6336
OCR Text amplifi ers rev1.0 1 www.mosanalog.com 16-bit stereo audio dac dual...
Description 16-bit Stereo Audio DAC Dual 1.6W Power amplifiers

File Size 699.29K  /  18 Page

View it Online

Download Datasheet

    MGA-683P8-BLKG MGA-683P8-TR1G

AVAGO TECHNOLOGIES LIMITED
Part No. MGA-683P8-BLKG MGA-683P8-TR1G
OCR Text amplifi er data sheet attention: observe precautions for handling electrostatic sensitive devices. esd machine model = 90 v (class a) esd human body model = 500 v (class 1b) refer to avago application note a004r: electrostatic discharge, ...
Description Low Noise And High Linearity Active Bias Low Noise amplifi er

File Size 143.66K  /  11 Page

View it Online

Download Datasheet

    MGA-633P8-BLKG MGA-633P8-TR1G

AVAGO TECHNOLOGIES LIMITED
Part No. MGA-633P8-BLKG MGA-633P8-TR1G
OCR Text amplifi er data sheet description avago technologies mga-633p8 is an economical, easy- to-use gaas mmic low noise amplifi er (lna). the lna has low noise and high linearity achieved through the use of avago technologies proprietary 0.25u...
Description Ultra Low Noise, High Linearity Active Bias Low Noise amplifi er

File Size 191.01K  /  14 Page

View it Online

Download Datasheet

    HMC51809

Hittite Microwave Corporation
Part No. HMC51809
OCR Text ...ange gaas phemt mmic low noise amplifi er (lna) which covers the 20 to 32 ghz frequency range. the hmc518 provides 15 db of small signal gain, 3 db of noise fi gure and has an output ip3 greater than 23 dbm. the chip can easily be integ...
Description GaAs PHEMT MMIC LOW NOISE amplifiER, 20 - 32 GHz

File Size 257.20K  /  6 Page

View it Online

Download Datasheet

For amplifi Found Datasheets File :: 346    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of amplifi

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4502100944519