PART |
Description |
Maker |
SM8580AM06 |
Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
|
Nippon Precision Circuits Inc
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
ADT7483AARQZ-REEL ADT7483AARQZ-REEL7 ADT7483AARQZ |
Dual Channel Temperature Sensor and Over Temperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MAX664209 MAX6642ATT90-T MAX6642ATT92-T MAX6642ATT |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 隆戮1隆?C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 卤1掳C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
TMP04FSZ |
Temperature Sensor: Serial Digital Output Thermometers CMOS/TTL Comp.; Package: SOIC; No of Pins: 8; Temperature Range: TBD DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1.50Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc.
|
AD7314 7314 AD7314ARM |
Complete Temperature Monitoring System in an 8-Pin SOIC Package Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead SOIC Low-Voltage 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage/ 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
|
AD[Analog Devices]
|
TMP05 TMP05AKS-500RL7 TMP05AKS-REEL TMP05AKS-REEL7 |
Complete Temperature Monitoring System 【0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
|
AD[Analog Devices]
|
NCP03XH22305RL NCP15XQ47103RC NCP18WF104J03RB NCP0 |
NTC Thermistors for Temp. Sensor and Compensation Chip Type Temperature Sensor and Compensation 0603 (1608) Size NTC Thermistor for Temperature Sensor Thermo String Type NTC Thermistors
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
MPXA6115A MPXH6115A |
MPXA6115A High Temperature Accuracy Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
|
Motorola
|
TK11033MTL_33C TK11033 TK11033M TK11033MTL TK11033 |
TEMPERATURE SENSOR IC ANALOG TEMP SENSOR-VOLTAGE, 1.77-1.81V, RECTANGULAR, SURFACE MOUNT
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|