PART |
Description |
Maker |
MWR-MWC01GC-01-1000-F MWR-MWC01GC-01-1000-G MWR-MW |
TaNFilm Microwave Chip Resistor
|
IRC - a TT electronics Company. http://
|
1989-XX |
Tanfilm DIP Resistor Networks
|
International Resistive
|
A3195EU A3195LLT 3195 A3195LU A3195 A3195ELT |
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN 保护,高温,霍尔效应锁存主动下拉 SENSOR IC CAC ANALOG OUT 8-DIP PROTECTED. HIGH-TEMPERATURE. HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN Protected,High-Temperature,Oper-Collector Hall-Effect Latch(保护型,工作于高温,霍尔效应锁存器( PROTECTED/ HIGH-TEMPERATURE/ HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN PROTECTED HIGH-TEMPERATURE HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
NV2RZDC12V0.64 NV2RZDC12V0.93 NV2R NV2RSDC12V0.93 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc.
|
MPXV6115VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system
|
Motorola
|
EF6805R2PTD EF6805R2PVD EF6805R3PVD |
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 8位微控制
|
KEMET Corporation
|
125293U020AJ1B 125114U005AJ1B 125114U6R3AC1B 12523 |
The Pace-Setter for Long Life and High Temperature Type 125 -55 篓卢C to 125 篓卢C, Ultra-High Temperature, Military Grade Type 125 -55 潞C to 125 潞C, Ultra-High Temperature, Military Grade Type 125 -55 oC to 125 oC, Ultra-High Temperature, Military Grade Type 125 -55 ìC to 125 ìC, Ultra-High Temperature, Military Grade
|
Cornell Dubilier Electr... List of Unclassifed Man... ETC List of Unclassifed Manufacturers http:// Cornell Dubilier Electronics
|
SM6HT24A SM6HT27A SM6HT36A SM6HT43A 6565 SM6HTXXA |
From old datasheet system HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
|
STMICROELECTRONICS[STMicroelectronics]
|
T502B106K016AG6110 |
Tantalum, MnO2 Tantalum, High Temperature, T502, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, High Temperature, 230C, N/A, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
TZ150N22KOF TZ150N18KOF TZ150N24KOF TZ150N26KOC |
High junction temperature Transil 晶闸管模块|可控硅| 2.2KV五(无线资源管理)| 223A我(翻译 High junction temperature Transil 晶闸管模块|可控硅| 1.8KV五(无线资源管理)| 223A我(翻译 High junction temperature Transil 晶闸管模块|可控硅| 2.4KV五(无线资源管理)| 223A我(翻译 High junction temperature Transil 晶闸管模块|可控硅| 2.6KV五(无线资源管理)| 223A我(翻译
|
Infineon Technologies AG
|