PART |
Description |
Maker |
PSB71F-06 PSB71F04 PSB71F06 |
Single Phase Rectifier Bridge Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
SDA263GF-1 |
1000 V, 75 A fast recovery single phase bridge rectifier assembly
|
Solid State Devices Inc
|
SDA25-3UF |
10 AMPS 70 nsec ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
|
Solid States Devices, Inc. SSDI[Solid States Devices, Inc]
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
697-5 698-6 697 697-1 697-2 697-3 697-4 697-6 698- |
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES/ 7.5 AMP/ STANDARD AND FAST RECOVERY
|
MICROSEMI[Microsemi Corporation]
|
PKR PKR20 PKR60 PKR100 PKR40 PKR80 PKR05 |
FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
|
Electronic devices inc.
|
BRUS110 |
ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
|
Electronic Devices, Inc.
|
PKR40F PKR60F PKR100F PKR80F PKR-F PKR05F PKR10F |
FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
|
Electronic devices inc.
|
VUC25 VUC25-12GO2 VUC25-14GO2 VUC25-16GO2 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Three Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|