PART |
Description |
Maker |
AD5667RBCPZ-R2 AD5667RBCPZ-REEL7 AD5667RBRMZ- AD56 |
Dual, 12-/14-/16-Bit nanoDACs垄莽 with 5 ppm/隆?C On-Chip Reference, I2C垄莽 Interface Dual, 12-/14-/16-Bit nanoDACs庐 with 5 ppm/掳C On-Chip Reference, I2C庐 Interface Dual, 12-/14-/16-Bit nanoDACs? with 5 ppm/°C On-Chip Reference, I2C? Interface
|
Analog Devices http://
|
GM2121 |
SXGA LCD Monitor Controller with Integrated Analog Interface and Dual LVDS Transmitter
|
Electronic Theatre Controls, Inc.
|
ICL7109C/D ICL7109CQH ICL7109CPL |
Dual LVDS Receiver 5-SOT-23 -40 to 85 1-CH 12-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 12 Bit A/D Converter With 3-State Binary Outputs 1-CH 12-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PQCC44
|
Maxim Integrated Products, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MX7837 MX7837AN MX7837AQ MX7837AR MX7837BN MX7837B |
DUAL, PARALLEL, 8 BITS INPUT LOADING, 4 us SETTLING TIME, 12-BIT DAC, PDIP24 From old datasheet system Complete Dual 12-Bit Multiplying DACs Complete / Dual / 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IDTV105ADAG |
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
|
Integrated Device Technology
|
WM0831LCD WM0831LIP WM0831 WM0831CD WM0831CP WM083 |
8-Bit ADCs with Serial Interface and Differential or Dual Inputs 8 -串行接口和差分或双位ADC输入 TVS UNI-DIR 26V 1500W SMC 8 -串行接口和差分或双位ADC输入 TVS UNIDIRECT 1500W 24V SMC 8 -串行接口和差分或双位ADC输入 From old datasheet system 8-BIT DUAL INPUT ADC WITH SERIAL INTERFACE
|
Wolfson Microelectronics plc
|
ADC1112D125 ADC1112D125HN |
Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
|
NXP Semiconductors
|
EL6835 EL6835CL |
Dual 4-Channel Driver with Oscillator & LVDS, Timing via WENxx, Enable = OSEN, External LVDS Term.
|
Intersil Corporation
|
MAX5898EGKD |
16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
|
Maxim Integrated Products
|
MAX5898EGK-D MAX5898 MAX5898EGK_D |
16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
|
MAXIM[Maxim Integrated Products]
|