Part Number Hot Search : 
USB3300 CO55B UNR31AT DTC123 5MLN4120 52AMI11L 1N6148US BCR8CS
Product Description
Full Text Search
  word Datasheet PDF File

For word Found Datasheets File :: 24474    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    INTEGRATED DEVICE TECHNOLOGY INC
Part No. IDT723634L12PF
OCR Text ... ffb flags functions) or first word fall through timing (using ora, orb, ira, and irb flag functions) ? ? ? ? ? programmable almost-empty and almost-full flags; each has three default offsets (8, 16 and 64) ? ? ? ? ? serial or parallel pro...
Description 512 X 36 BI-DIRECTIONAL FIFO, 8 ns, PQFP128

File Size 405.88K  /  35 Page

View it Online

Download Datasheet





    CY7C1522KV18

Cypress Semiconductor
Part No. CY7C1522KV18
OCR Text word burst architecture cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 001-00438 rev. *i revised march 11, 2011 72-mbit ddr ii sio sram 2-word burst architecture features ...
Description 72-Mbit DDR II SIO SRAM 2-word Burst Architecture

File Size 626.25K  /  31 Page

View it Online

Download Datasheet

    93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG 93LC46BX-E_OT 93LC46BX-E_P 93LC46BX-E_PG 93LC46BX-E_SN 93LC46BX-E_SNG

MICROCHIP[Microchip Technology]
Part No. 93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG 93LC46BX-E_OT 93LC46BX-E_P 93LC46BX-E_PG 93LC46BX-E_SN 93LC46BX-E_SNG 93LC46BX-E_ST 93LC46BX-E_STG 93LC46BX-I_MS 93LC46BX-I_MSG 93LC46BX-I_OT 93LC46BX-I_OTG 93LC46BX-I_P 93LC46BX-I_PG 93LC46BX-I_SN 93LC46BX-I_ST 93LC46BX-I_STG 93LC46BXT-E_MS 93LC46BXT-E_MSG 93LC46BXT-E_OT 93LC46BXT-E_OTG 93LC46BXT-E_P 93LC46BXT-E_PG 93LC46BXT-E_SN 93LC46BXT-E_SNG 93LC46BXT-E_ST 93LC46BXT-E_STG 93LC46BX-E_OTG 93LC46BXT-I_OT 93LC46BXT-I_PG 93LC46BXT-I_ST 93LC46BXT-I_MS 93LC46BXT-I_OTG 93LC46BXT-I_P 93LC46BX-I_SNG 93LC46C-I_SN 93LC46C-I_SNG 93LC46C-I_ST 93LC46C-I_STG 93LC46B-I_PG 93LC46BXT-I_SN 93LC46BXT-I_SNG 93LC46BXT-I_STG 93LC46BT-E_OTG 93LC46BT-E_SN 93LC46BT-I_OT 93LC46BT-I_OTG 93LC46BT-I_SN 93LC46BXT-I_MSG 93LC46BT-I_SNG 93LC46BT-I_STG 93LC46BT-E_OT 93LC46BT-E_P 93LC46BT-E_ST 93LC46AT-E_ST 93LC46AT-I_MSG 93LC46AT-I_SNG 93LC46AT-I_MS 93LC46AT-I_PG 93LC46AT-I_SN 93LC46BT-I_ST 93LC46AT-I_OT 93AA46A-I_SNG 93AA46AT-E_MS 93AA46AT-E_MSG 93LC46BT-E_MSG 93LC46BT-E_PG 93LC46BT-I_PG 93AA46CX-I_MS 93LC46AT-E_MS 93LC46AT-E_MSG 93LC46AT-E_OT 93LC46AT-E_OTG 93LC46AT-E_P 93LC46AT-E_PG 93LC46AT-E_SN 93LC46AT-E_SNG 93LC46AT-E_STG 93LC46BT-E_MS 93LC46BT-E_SNG 93LC
OCR Text ...o No No No No No Yes Yes Yes word Size 8-bit 16-bit 8-bit 16-bit 8-bit 16-bit 8 or 16-bit 8 or 16-bit 8 or 16-bit Temp Ranges I I I, E I, E I, E I, E I I, E I, E Packages P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, ST, MS, OT P, ...
Description This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ...
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM
 
1K Microwire Compatible Serial EEPROM

File Size 271.04K  /  24 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text ...ight data bits make up the data word clocked into the serial input register. The data word is decoded where the first two bits determine the address of the VR latch to be loaded, the last 6-bits are data. A serial data output pin at the opp...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

    UDA1341TS

NXP Semiconductors
Part No. UDA1341TS
OCR Text ...ts the I2S-bus data format with word lengths of up to 20 bits, the MSB-justified data format with word lengths of up to 20 bits, the LSB-justified serial data format with word lengths of 16, 18 and 20 bits and three combinations of MSB data...
Description Economy audio CODEC for MiniDisc MD home stereo and portable applications

File Size 196.48K  /  32 Page

View it Online

Download Datasheet

    KM23S32000D KM23S32000DTY KM23V32000DTY KM23V32000E

Samsung Semiconductor
Part No. KM23S32000D KM23S32000DTY KM23V32000DTY KM23V32000E
OCR Text ...te mode) or as 2,097,152x16 bit(word mode) depending on bhe voltage level.(see mode selection table) this device operates with low power supply, and all inputs and outputs are ttl compatible. because of its asynchronous operation, it requi...
Description (KM23x32000xTY) 32M-Bit CMOS Mask ROM

File Size 85.26K  /  5 Page

View it Online

Download Datasheet

    MACRONIX INTERNATIONAL CO LTD
Part No. MX29LV800ATMI-90
OCR Text ...nd register architecture - byte/word programming (9us/11us typical) - sector erase (sector structure 16k-bytex1, 8k-bytex2, 32k-bytex1, and 64k-byte x15) ? auto erase (chip & sector) and auto program - automatically erase any combination of...
Description 512K X 16 FLASH 3V PROM, 90 ns, PDSO48

File Size 1,501.33K  /  66 Page

View it Online

Download Datasheet

For word Found Datasheets File :: 24474    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of word

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6673641204834