PART |
Description |
Maker |
AM25LS2569DC AM25LS2569DCB AM25LS2568DC AM25LS2568 |
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Synchronous Up/Down Counter 同步减计数器 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 同步减计数器
|
Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc. Unisonic Technologies Co., Ltd.
|
VP211ACGMP1S VP211 |
Dual 90MHz 6-Bit Analog to Digital Converter(90MHz 6位A/D转换
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
PFH-M5-12 PFH-M4-12 PFH-M5-8 PFH-M5-10 PFH-M5-16 P |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C EINSCHLAGSCHRAUBE PASSIVIERT M5X8 Inhalt pro Packung: 50 Stk. Dual/Quad Micropower, 260µW C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M5X16 Inhalt pro Packung: 50 Stk. Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M5X20 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X12 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X16 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X14 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X8 Inhalt pro Packung: 50 Stk. Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C EINSCHLAGSCHRAUBE PASSIVIERT M3X20 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X10 Inhalt pro Packung: 50 Stk. Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual/Quad Micropower, 260µW C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M6X18 Inhalt pro Packung: 50 Stk. 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M4X14 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M4X16 Inhalt pro Packung: 50 Stk. Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M6X12 Inhalt亲Packung0沙头角 Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M6X10 Inhalt亲Packung0沙头角
|
HIROSE ELECTRIC Co., Ltd.
|
ZXRE1004FF ZXRE1004FN8 ZXRE1004FR ZXRE1004 ZXRE100 |
Micropower 1.22 V voltage reference SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE IC-SM 1.22V PRECISION REFERENCE 集成电路1.22V的高精度参 IC REF VOLT 1.22V 20MA 1% 8-SOIC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
LBN9001 |
90MHz SAW Filter 19MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN09009 |
90MHz SAW Filter 24MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN09015 |
90MHz SAW Filter 23MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN09033 |
90MHz SAW Filter 13MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN09003 |
90MHz SAW Filter 24MHz Bandwidth
|
SIPAT Co,Ltd
|
BU7878KVT |
90MHz 30BITS COLOR LVDS TRANSMITTER
|
Rohm
|