PART |
Description |
Maker |
1N4933G2 1N4935 1N4935G-T 1N4936G-T 1N4933G-T 1N49 |
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
MR852RL MR851RL MR850-D MR850 MR851 |
Axial Lead Fast Recovery Rectifiers(杞村?灏????揩?㈠??存?浜??绠? 3A 100V Fast Recovery Rectifier 3A 200V Fast Recovery Rectifier
|
ON Semiconductor
|
SD403C12S15C SD403C SD403C16S15C SD403C04S10C SD40 |
1600V Fast Recovery Diode in a DO-200AA (A-Puk) package 1400V Fast Recovery Diode in a DO-200AA (A-Puk) package 1200V Fast Recovery Diode in a DO-200AA (A-Puk) package 1000V Fast Recovery Diode in a DO-200AA (A-Puk) package 800V Fast Recovery Diode in a DO-200AA (A-Puk) package FAST RECOVERY DIODES Hockey Puk Version
|
IRF[International Rectifier]
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
BA157G BA158G BA159G |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
FR301G FR302G FR303G FR304G FR305G FR306G FR307G |
Fast Recovery Pack: DO-201AD FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
|
Gulf Semiconductor
|
RU4AJG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
FFP10U20DN FFP10U20DNTU |
10A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER FAST RECOVERY POWER FECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|