PART |
Description |
Maker |
LRI2K LRI2K08 |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
INF85116 INF85116N |
2048 X 8 -Bit CMOS EEPROM with I2С-bus interface 2048 X 8 -Bit CMOS EEPROM with I2?-bus interface
|
Integral Corp.
|
KS24C010 KS24C021 KS24C011 KS24C020 |
1.024 / 2.048-BIT SERIAL EEPROM 1,024/2,048-bit serial eeprom 1,024 / 2,048位串行EEPROM (KS24C010 / KS24C011 / KS24C020 / KS24C021) 1024/2048-bit serial eeprom
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
PCF85116-3 |
2048 X 8-bit CMOS EEPROM with I 2 C-bus interface
|
Philips
|
M35102-W4 M35102 M35102-C20 M35102-C30 M35102-S4 |
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz / 2048-bit High Endurance EEPROM Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M35101 |
13.56 MHZ, ISO 14443, CONTACTLESS MEMORY CHIP 2048-BIT EEPROM
|
STMicroelectronics
|
M35101 6225 |
Contactless Memory Card IC 13.56 MHz, 2048-bit High Endurance EEPROM From old datasheet system
|
STMicro
|
LRI512 7686 |
From old datasheet system Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
|
STMICROELECTRONICS[STMicroelectronics]
|
AT88RF020 AT88RF020-WBC-10 AT88RF020-WBC-82 AT88RF |
Low-cost 2-Kbit RF Memory with Password, ISO/IEC 14443 Type B compliant 13.56 MHz/ 2048-bit RFID EEPROM
|
Atmel
|
Q67100-H3502 Q67100-H3503 Q67100-H3504 SLA24C164-D |
16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode 16千位2048 × 8位串行CMOS EEPROM的,I2C同步2线巴士,页面保护模式 16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Siemens Semiconductor Group SIEMENS AG
|
AT24C16406 AT24C164-W2.7-11 AT24C164-10PU-1.8 AT24 |
Two-Wire Serial EEPROM 16K (2048 x 8)
|
ATMEL[ATMEL Corporation]
|
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|