Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
  uid Datasheet PDF File

For uid Found Datasheets File :: 701    Search Time::0.921ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. 2314668
OCR Text ...act.de/phoenix/treeviewclick.do?uid=2314668 ? ? assembled round cable with a 50-pos. molded socket strip and four 14-pos. socket strips, for splitting 32 channels into 4 x 8 channels, number of ...
Description INTERCONNECTION DEVICE

File Size 64.54K  /  3 Page

View it Online

Download Datasheet





    1755596

PHOENIX CONTACT
Part No. 1755596
OCR Text ...act.de/phoenix/treeviewclick.do?uid=1755596 ? ? plug component, nominal current: 10 a, rated voltage (iii/2): 400 v, number of positions: 3, pitch: 5 mm, color: green, metal surface: sn ? commercial...
Description PT 1,5/ 3-PH-5,0

File Size 91.45K  /  4 Page

View it Online

Download Datasheet

   
Part No. 1543304
OCR Text ...act.de/phoenix/treeviewclick.do?uid=1543304 ? ? bus system cable, interbus, 4 pos., pur halogen-free black, shielded, straight m8 socket, on free conductor end, cable length: 5 m ? commercial data ean...
Description 4 CONTACT(S), FEMALE, CIRCULAR CONNECTOR, SOCKET

File Size 107.27K  /  5 Page

View it Online

Download Datasheet

    SR176 SR176-A3S SR176-A3T SR176-A4S SR176-A4T SR176-A5S SR176-A5T SR176-SBN18 SR176-W4 -SR176-A4S

STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
ST Microelectronics
Part No. SR176 SR176-A3S SR176-A3T SR176-A4S SR176-A4T SR176-A5S SR176-A5T SR176-SBN18 SR176-W4 -SR176-A4S
OCR Text ...r areas: the unique identifier (uid) and the User EEPROM. The uid is a 64-bit unique identifier written by ST during product manufacturing. The User EEPROM is divided into areas which can be write-protected so that they behave as ROM. The w...
Description 13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID 13.56兆赫短距离非接触式存储器芯片176位用户EEPROM4位唯一ID

File Size 117.52K  /  5 Page

View it Online

Download Datasheet

   
Part No. 1918214
OCR Text ...act.de/phoenix/treeviewclick.do?uid=1918214 ? ? plug component, nominal current: 9 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 14, connection type: insulation displacement connection ...
Description 9 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK

File Size 116.00K  /  4 Page

View it Online

Download Datasheet

    EM4469V0WT27 EM4469V1WT27 EM4469V2WT27 EM4469V3WT27 EM4469 EM4469V3CI2LB EM4469V0WS7 EM4469V0WS11 EM4469V2WS7 EM4469V3CI

Electronic Theatre Controls, Inc.
ETC
Part No. EM4469V0WT27 EM4469V1WT27 EM4469V2WT27 EM4469V3WT27 EM4469 EM4469V3CI2LB EM4469V0WS7 EM4469V0WS11 EM4469V2WS7 EM4469V3CI2LC
OCR Text ...ry programmed and locked 32 bit uid number, chip type and customer code. Features 512 bit EEPROM organised in 16 words of 32 bits 32 bit Password read and write protection 32 bit unique identification number (uid) 10 bit C...
Description RES NTWK SMT 1K OHM 5% 1206 4 RES ISO 512位读/写非接触式识别装
512 bit Read/Write Contactless Identification Device 512位读/写非接触式识别装
From old datasheet system

File Size 300.93K  /  11 Page

View it Online

Download Datasheet

    DS-C2O-3

rfsolutions.ltd
Part No. DS-C2O-3
OCR Text ... response: uid~odel1~7~ok unit identity unit identity unit identity unit identity (uid) the <unit id> is an alphanumeric string consisting 4 to 10 charac- ters. this string of characters sets ...
Description Easy to Configure using SMS commands.

File Size 2,899.83K  /  8 Page

View it Online

Download Datasheet

    LRIS2K-W4_22 LRIS2K-SBN18 LRIS2K-A1S LRIS2K-A1T LRIS2K LRIS2K-W4/22

STMicroelectronics
Part No. LRIS2K-W4_22 LRIS2K-SBN18 LRIS2K-A1S LRIS2K-A1T LRIS2K LRIS2K-W4/22
OCR Text uid, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant Data Brief Feature summary ISO15693 Standard Fully Compliant ISO18000-3 Mode 1 Standard Fully Compliant 13.56MHz 7kHz Carrier Frequency To Tag...
Description Memory TAG IC, 64 bit uid, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant

File Size 52.01K  /  8 Page

View it Online

Download Datasheet

    1755606

PHOENIX CONTACT
Part No. 1755606
OCR Text ...act.de/phoenix/treeviewclick.do?uid=1755606 ? ? plug component, nominal current: 10 a, rated voltage (iii/2): 400 v, number of positions: 4, pitch: 5 mm, color: green, metal surface: sn ? commercial...
Description PT 1,5/ 4-PH-5,0

File Size 91.41K  /  4 Page

View it Online

Download Datasheet

For uid Found Datasheets File :: 701    Search Time::0.921ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of uid

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.54502010345459