Part Number Hot Search : 
AP1512A AP3843 MB39A1 TCZM39B LM317 06SL190G AP1512A MAX9110
Product Description
Full Text Search
  2048-bit Datasheet PDF File

For 2048-bit Found Datasheets File :: 4764    Search Time::5.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    S11156-2048 S11155-2048

Hamamatsu Corporation
Part No. S11156-2048 S11155-2048
OCR Text 2048) The C11165 is a driver circuit designed for HAMAMATSU CCD image sensor S11155/S11156-2048. The C11165 can be used in spectrometers wh...bit A/D converter), timing generator, control circuit and power supply. The C11165 converts analog v...
Description Driver circuit for CCD image sensor Interface of computer: USB 2.0

File Size 353.16K  /  7 Page

View it Online

Download Datasheet





    AKM[Asahi Kasei Microsystems]
Part No. AK6008AF AK6004A AK6004A_02 AK6004AF AK6008A AK6004A02
OCR Text ...ganization AK6008A 16384 bits, 2048 x 8 organization I2CTM SERIAL INTERFACE LOW POWER CONSUMPTION - 0.8A Max. Standby HIGH RELIABILITY - En...bit serial CMOS EEPROM divided into 512/2048 registers of 8 bits each. The AK6004A/08A can operate f...
Description I2C bus 4K / 16Kbit Serial CMOS EEPROM

File Size 160.20K  /  16 Page

View it Online

Download Datasheet

    Mitsubishi Electric, Corp.
Part No. M34512M4
OCR Text ...s rom (prom) size ( 5 10 bits) 2048 words 4096 words 4512 group single-chip 4-bit cmos microcomputer mitsubishi microcomputers preliminary notice: this is not a final specification. some parametric limits are subject to change. l timers ti...
Description SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER 单芯位微机的CMOS

File Size 772.27K  /  80 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5399YRM-REEL7 AD5399 AD5399YRM
OCR Text ...ol Figure 1. VOUT = ((D - 2048)/4096 x 4 V) + 2 V for 0 D 4095, where D is the decimal code. Table 1. Examples of Twos Complement Co...bit digital-to-analog converter that accepts twos complement digital coding with 2 V dc offset for s...
Description Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time 二进制补码,2位的内部编号,快速建立时间援
Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time SERIAL INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO10

File Size 231.92K  /  12 Page

View it Online

Download Datasheet

    AMICC[AMIC Technology]
Part No. A42L2604V-50U A42L2604 A42L2604S-45 A42L2604S-50 A42L2604V-45 A42L2604V-45U A42L2604V-50
OCR Text ...is allow random access of up to 2048(2K Ref.) words within a row at a 56/50 MHz EDO cycle, making the A42L2604 ideally suited for graphics, ...bit address into a 11-bit(2K) row and column address. RAS and CAS are used to strobe the row address...
Description 4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE

File Size 257.58K  /  25 Page

View it Online

Download Datasheet

For 2048-bit Found Datasheets File :: 4764    Search Time::5.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2048-bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79159808158875