PART |
Description |
Maker |
BPC80C-980-01 BPC80C-940-01 BPC80C-915-01 |
80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
|
Bookham, Inc.
|
BAC80C-980-01 BAC80C-980-02 BAC80C-940-01 BAC80C-9 |
80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
|
Bookham, Inc.
|
BAC40C-806-01 BAC40C-806-02 |
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
|
Bookham, Inc.
|
BPC40C-806-01 BPC40C-806 |
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
|
Bookham, Inc.
|
SPLBG81-9S |
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
|
OSRAM GmbH
|
SPLBX98-2S |
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
|
OSRAM GmbH
|
TDA4817 TDA4817G Q67000-A8299 Q67000-A8298 |
PFC IC for High Power Factor and Acti... From old datasheet system Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 0.5 A POWER FACTOR CONTROLLER, PDIP8 Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 功率因数控制器IC,用于高功率因数,有源谐波滤
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
STK433-090-E |
2-channel class AB audio power IC 80W 80W
|
Sanyo Semicon Device
|
V-735P205X9100H V-735P205X9100L V-735P205X9200H V- |
Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
|
Vishay Siliconix
|
430P106X9100 430P394X9600 430P394X9400 430P394X920 |
Metalized Polyester Film Capacitors Wrap-and-Fill 金属化聚酯薄膜电容器总结和充 DC-DC Converter, 1Watt, Input VDC: 24, Output VDC: 24, Max Output Current(A): 0.042, Package: SIP4, Isolation(VDC): 3000, Operating Temp. -40C to 85C, Low Ripple & Noise, High Efficiency up to 80%, Low Profile Plastic Case, Single Output CAP .012UF 16V PPS FILM 1206 5% Metalized Polyester Film Capacitors Wrap-and-Fill
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
STK415-120-E |
80 W, 2 CHANNEL, AUDIO AMPLIFIER, ZFM19 2-Channel Power Switching Audio Power IC, 80W 80W
|
Sanyo Semicon Device
|