Part Number Hot Search : 
BU252 W12NK 15PFI P6100 DTC643TK A222MP SEF203B PA607UA
Product Description
Full Text Search
  cooler Datasheet PDF File

For cooler Found Datasheets File :: 1809    Search Time::1.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Hamamatsu Photonics
Part No. S9736
OCR Text ...mbol description remark 1 p- te-cooler- 2 nc 3 ss substrate (gnd) 4 nc 5 isv test point (vertical input source) shorted to rd 6 ig2v test point (vertical input gate-2) shorted to 0 v 7 ig1v test point (vertical input gate-1) shorted to 0 v ...
Description CCD area image sensor 512 512 pixels, front-illuminated FFT-CCDs

File Size 790.47K  /  9 Page

View it Online

Download Datasheet





    S9973-1007 S9973-1008 S9972-1007 S9972-1008 S9972

Hamamatsu Corporation
Part No. S9973-1007 S9973-1008 S9972-1007 S9972-1008 S9972
OCR Text ...AD PHOTOSENSITIVE SURFACE TE-cooler 0.46 2.54 27.94 KMPDA0206EA 6 7.65 0.5 14.99 0.25 4.0 7.1 12.0 CCD area image sensor S9973-1008 WINDOW 28.6 ACTIVE AREA 24.576 S9972/S9973 series 6.048 19.0 22....
Description CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity

File Size 163.05K  /  9 Page

View it Online

Download Datasheet

    C702007 C7025 C7020 C7021

Hamamatsu Corporation
Part No. C702007 C7025 C7020 C7021
OCR Text ... the power is turned on. If the cooler fails and causes internal circuitry to overheat, the builtin protection circuit automatically turns off the power to the thermoelectric cooler. Despite its compact size, the housing configuration is de...
Description Designed for front-illuminated CCD area image sensors

File Size 295.81K  /  8 Page

View it Online

Download Datasheet

    S9295-01 S9295

Hamamatsu Corporation
Part No. S9295-01 S9295
OCR Text cooler S9295 series is a thermoelectrically cooled Si photodiode with preamp developed for low-light-level detection. A large area photodiode, op amp, TE-cooler and feedback resistor (10 G) are integrated into a single package. A thermisto...
Description Large area photodiode integrated with op amp and TE-cooler

File Size 121.97K  /  4 Page

View it Online

Download Datasheet

    S9038-0902S S9037-1002 S9037-0902 S9038-1002S

Hamamatsu Corporation
Part No. S9038-0902S S9037-1002 S9037-0902 S9038-1002S
OCR Text ... has a one-stage thermoelectric cooler assembled in the same package allowing stable operation at cooled temperatures. Both S9037/S9038 series image sensors use a quartz glass window equivalent to SUPRASIL glass that provides high transmitt...
Description IMAGE SENSOR-CCD, 12.288(H) X 0.096(V) PIXEL, 1-5V, RECTANGULAR, THROUGH HOLE MOUNT
CCD image sensor High-speed operation, back-thinned FFT-CCD

File Size 179.12K  /  9 Page

View it Online

Download Datasheet

    S8844-0909

Hamamatsu Corporation
Part No. S8844-0909
OCR Text ...ble. A one-stage thermoelectric cooler is built into the package along with the CCD chip. The CCD operating temperature can be maintained at -10 C when used at room temperature (25 C). S8844-0909 is identical performance and pin compatible ...
Description CCD area image sensor 512 × 512 pixels, Back-thinned FFT-CCD
CCD area image sensor 512 】 512 pixels, Back-thinned FFT-CCD

File Size 168.56K  /  9 Page

View it Online

Download Datasheet

    IRF7233 ADN8830 SI7904DN FDW2520C FDR6674A FDR840P IRF7401 IRF7404 SI7401DN

AD[Analog Devices]
Part No. IRF7233 ADN8830 SI7904DN FDW2520C FDR6674A FDR840P IRF7401 IRF7404 SI7401DN
OCR Text cooler Controller ADN8830 FEATURES High Efficiency Small Size: 5 mm 5 mm LFCSP Low Noise: <0.5% TEC Current Ripple Long-Term Temperature Stability: 0.01 C Temperature Lock Indication Temperature Monitoring Output Oscillator Synchronization...
Description Thermoelectric cooler Controller

File Size 368.92K  /  24 Page

View it Online

Download Datasheet

    NX200105 NX200106 NX200108 NX200107

List of Unclassifed Manufacturers
Part No. NX200105 NX200106 NX200108 NX200107
OCR Text ...synjet ? z flow 90 outdoor cooler synjet c ooling technology provides the most reliable thermal management solution available. this led cooler has been developed by nuventix for outdoor modules and arrays . ?...
Description SynJet ZFlow 90 Outdoor cooler

File Size 263.70K  /  2 Page

View it Online

Download Datasheet

    D1861D040 D1861D050 D1861D D1861D023

AGERE[Agere Systems]
Part No. D1861D040 D1861D050 D1861D D1861D023
OCR Text ... DFB laser chip, thermoelectric cooler, thermistor, optical isolator, and a rear-facet monitor photodiode, which allows for external optical power control. 7 - 6 + 5 + 4 - 3 - 2 1 Features s ESD PROTECTION TEC MPD RTH 10 k @ 25 C...
Description D1861D 10 Gb /秒的1310 nm DML模块0 dBm的)
D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)

File Size 85.62K  /  6 Page

View it Online

Download Datasheet

For cooler Found Datasheets File :: 1809    Search Time::1.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of cooler

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59631896018982