PART |
Description |
Maker |
ISL90842UIV1427Z ISL90842WIV1427Z ISL9084206 |
Quad Digitally Controlled Variable Resistors
|
Intersil Corporation
|
ISL90840UAV2027Z ISL90840WAV2027Z ISL9084006 ISL90 |
Quad Digitally Controlled Potentiometers (XDCP)
|
INTERSIL[Intersil Corporation]
|
X9251TV24-2.7 X9251TS24-2.7 X9251UV24-2.7 X9251TS2 |
Quad Digitally-Controlled (XDCP? Potentiometer
|
Intersil Corporation
|
X9259 X9259TB24 X9259TB24-2.7 X9259TB24I X9259TB24 |
Quad Digitally-Controlled (XDCP) Potentiometers
|
XICOR[Xicor Inc.]
|
X9241AYP X9241AYPI X9241AYS X9241AYSI X9241AYV X92 |
Quad Digitally Controlled Potentiometer (XDCP) 四重数控电位器(数字电位器)
|
Intersil, Corp. XICOR[Xicor Inc.]
|
ISL23345UFVZ ISL23345TFRZ ISL23345UFRZ |
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
ISL23448UFRZ ISL23448UFVZ ISL23448TFRZ |
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP?
|
http:// Intersil Corporation
|
ISL23348TFRZ |
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
EP9430-65 EP9430-80 EP9430-11 EP9430-85 EP9430-75 |
Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 20-PDIP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: 0°C to 70°C; Package: 20-PDIP Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package: 20-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP T&R Quad Digital Controlled Potentionmeters (XDCP™), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package: 20-SOIC 抽头延迟 Tapped Delay Line 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟
|
Belden, Inc.
|
ISL95811 ISL95811UFRTZ ISL95811UFRTZ-TK ISL95811UF |
Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: Full-Range Ind; Package: 8-MSOP T&R Single Digitally Controlled Potentiometer (XDCP垄芒) Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: Full-Range Ind; Package: 8-MSOP 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
Intersil Corporation Intersil, Corp.
|
EP9458-45 EP9458-450W |
Quad Digitally-Controlled (XDCP) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-TSSOP 抽头延迟
|
Bivar, Inc.
|
AD8369ARU-REEL7 AD8369 |
600 MHz, 45 dB Digitally Controlled Variable Gain Amplifier 45 dB Digitally Controlled VGA LF to 600 MHz
|
Analog Devices, Inc.
|