PART |
Description |
Maker |
V23839-R35-L55 V23839-R36-L55 |
iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC⑩ Connector iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
V23849-R35-C55 V23849-R36-C55 |
Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; common ground sheme Transceivers by Form-factor MSA - iSFP? 1.25 Gbit/s GBE; 4.25/2.125/1.0625 Gbit/s FC, 850 nm; MM; LC; separated ground sheme
|
Infineon
|
V23848-M15-C656 |
Transceivers by Form-factor MSA - iSFP™ - 1300 nm 20 km 2.125/1.0625 Gbit/s Fibre Channel 1.25 GBE with LC Connect
|
Infineon
|
ALQ324 ALQ109 ALQ106 ALQ105 ALQ118 ALQ112 ALQ124 A |
1 Form A/1 Form C 10A Small power relays
|
Panasonic Semiconductor
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
V23838-S5-N1-BB V23838-S5-N1 |
Transceivers by Form-factor MSA - Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver for single-sided mounting
|
INFINEON[Infineon Technologies AG]
|
HSSR-8200 |
60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 200-V/160 Ohm/ 1 Form A/ Small-Signal Solid State Relay 200-V/160 Ohm, 1 Form A, Small-Signal Solid State Relay
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
V23818-S5-B1 |
SFP - Small Form-factor Pluggable Cage EMI / Dust Plug SFP -小型可插拔笼的EMI /防尘插头 Transceivers by Standard - SFP - Small Form-factor Pluggable Cage EMI / Dust Plug
|
INFINEON[Infineon Technologies AG]
|
THNCFXXXMAA |
Small Form Factor Card
|
Toshiba
|
SPS-43-48H-CP-CDF-SD |
Small Form Factor Pluggable, Simple SC Connector
|
Source Photonics, Inc.
|
2018280--1 2018280--2 2018280--3 2018280--4 |
Small Form- Factor Pluggable (SFP) Seating
|
TE Connectivity Ltd
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L49 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器的LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector
|
Infineon Technologies AG
|