Part Number Hot Search : 
STU405D M5220P JAN2N 13007E HMC1131 20M10 BU4248F A564A
Product Description
Full Text Search
  sdh Datasheet PDF File

For sdh Found Datasheets File :: 4696    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Cinch
Part No. sdh-15RBL sdh-25RBL sdh-37RBL
OCR Text sdh Series Features The Cinch Super D Interconnection System is a simple, fast, economical, and reliable way for mating connectors from cable to cable or cable to panel. Snap-on Super D plastic hoods captivate connectors providing positive,...
Description (sdh-xxRBL) Connector

File Size 219.20K  /  6 Page

View it Online

Download Datasheet





    M32016AUPJ1000.000000MHZ

MTRONPTI
Part No. M32016AUPJ1000.000000MHZ
OCR Text ...ecommunications such as sonet / sdh / dwdm / fec / serdes / oc-3 thru oc-192 ? wireless base stations / wlan / gigabit ethernet ? avionic fight controls and military communications introduces m320x series pecl/lvds/cml vcxo featuring qi...
Description VCXO, CLOCK, 1000 MHz, PECL OUTPUT

File Size 547.02K  /  8 Page

View it Online

Download Datasheet

    BCM8128

Broadcom
ETC
Electronic Theatre Controls, Inc.
Part No. BCM8128
OCR Text sdh/10GE/FEC MUX FEATURES * 10-Gigabit MSA (Multi-Source Agreement) compliant * Fully integrated Clock Multiplication Unit (CMU) supports multiple rates: OC-192, 10GE, 10GFC and its FEC rates SUMMARY OF BENEFITS * Compliant with Optica...
Description Multirate 10-Gbps SONET/sdh/10GE/FEC Transmitter
MULTI RATE 10GBPS SONET / sdh/ 10GE/FEC MUX

File Size 113.87K  /  2 Page

View it Online

Download Datasheet

    BCM8152

ETC
Part No. BCM8152
OCR Text ...EC transmission equipment SONET/sdh/10 GE/FEC optical modules ADD/DROP multiplexers Digital cross-connects ATM switch backbone SONET/sdh/10 GE/FEC test equipment Terabit and edge routers Internal phase detector and charge pump for cleanu...
Description 10 GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER

File Size 125.98K  /  2 Page

View it Online

Download Datasheet

    BCM8211 BCM821104

BOARDCOM[Broadcom Corporation.]
ETC
Part No. BCM8211 BCM821104
OCR Text sdh TRANSCEIVER WITH INTERNAL LOOP TIMING FEATURES * 2.488-Gbps SONET/sdh transceiver with dual differential serial I/O * Fully integrated CDR, MUX, DEMUX, and CMU * Selectable LVPECL/CMOS 16-bit, 155.52-Mbps interface to framer or networ...
Description 2.488-Gbps Transceiver with Internal Loop Timing
2.488 GBPS SONET/sdh TRANSCEIVER WITH INTERNAL LOOP TIMING
2.488 GBPS SONET/ sdh TRANSCEIVER WITH INTERNAL LOOP TIMING

File Size 104.79K  /  2 Page

View it Online

Download Datasheet

    SPB-9780ARL-1590G SPB-9780BRL-1590G SPB-9780RL-1590G SPB-9780R-1590G SPB-9780AR-1590G SPB-9780BR-1590G

http://
Optoway Technology Inc
Part No. SPB-9780ARL-1590G SPB-9780BRL-1590G SPB-9780RL-1590G SPB-9780R-1590G SPB-9780AR-1590G SPB-9780BR-1590G
OCR Text ... Serial ATA/ATA2, SONET OC-48 / sdh STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre Channel single fiber communications by using 1590 nm transmitter and 1510 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability...
Description 1590 nm TX / 1510 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver

File Size 174.41K  /  6 Page

View it Online

Download Datasheet

    SPB-9780ARL-1510G SPB-9780BRL-1510G SPB-9780RL-1510G SPB-9780R-1510G SPB-9780AR-1510G SPB-9780BR-1510G

http://
Optoway Technology Inc
Part No. SPB-9780ARL-1510G SPB-9780BRL-1510G SPB-9780RL-1510G SPB-9780R-1510G SPB-9780AR-1510G SPB-9780BR-1510G
OCR Text ... Serial ATA/ATA2, SONET OC-48 / sdh STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre Channel single fiber communications by using 1510 nm transmitter and 1590 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability...
Description 1510 nm TX / 1590 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver

File Size 174.30K  /  6 Page

View it Online

Download Datasheet

    SI5316-B-GM

Silicon Laboratories
Part No. SI5316-B-GM
OCR Text ...y 15% higher than nominal SONET/sdh frequencies, up to a maximum of 710 MHz in the 622 MHz range. The Si5316 is based on Silicon Laboratories' 3rd-generation DSPLL(R) technology, which provides any-rate frequency synthesis and jitter attenu...
Description PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR

File Size 571.36K  /  16 Page

View it Online

Download Datasheet

    TMPR28051 TMPR28051-3-SL5

AGERE[Agere Systems]
Part No. TMPR28051 TMPR28051-3-SL5
OCR Text ...the presence of a receive SONET/sdh bit error rate, the device may destuff the DS1 from the VT1.5 incorrectly. This is the result of an error in the VT1.5 C-bit decoding process. The C-bit decoding process should be capable of correcting si...
Description TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device

File Size 1,035.93K  /  90 Page

View it Online

Download Datasheet

    SPS-5140G08

Optoway Technology Inc
Part No. SPS-5140G08
OCR Text ...mpliant with SONET OC-12 LR-1 / sdh STM-4 (L-4.1) l 40 km Transmission at Least l 25 dB Power Budget at Least l AC/AC Coupling according to MSA l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operation: SPS-5140G l -10 to85 oC Ope...
Description 3.3V / 1310 nm / 622 Mbps SFP LC SINGLE-MODE TRANSCEIVER

File Size 143.61K  /  5 Page

View it Online

Download Datasheet

For sdh Found Datasheets File :: 4696    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sdh

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.3315739631653