PART |
Description |
Maker |
SLX24C0816 SLE24C01-S |
8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus
|
Siemens Semiconductor Group
|
M35102 |
Contactless Memory with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM 13.56 MHZ, ISO 14443, CONTACTLESS MEMORY CHIP 2048-BIT EEPROM WITH 64-BIT UNIQUE SERIAL ID
|
SGS Thomson Microelectronics STMicroelectronics
|
FM93C56EM8 FM93C56LMT8 FM93CS56LMT8 FM93CS56LEM8 F |
(MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read RES, 0603, SMD, 0.1%, TKF 11.8K (MICROWIREBus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read 2048-Bit Serial CMOS EEPROM With Data Protect and Sequential Read(带连续读操作和数据保护的2048位串行CMOS EEPROM) (MICROWIRE?/a> Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE?Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
|
Fairchild Semiconductor Corporation
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
LRIS2K-A6S2U LRIS2K-A7T LRIS2K-MBTG LRIS2K-W4 |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
LRIS2K LRIS2K08 LRIS2K-A1S LRIS2K-A1T LRIS2K-SBN18 |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
FM1008-200DC FM1008-200SC FM1008-200PC FMX1308-200 |
1024-16384-bit nonvolatile static RAM family 1024-16384-bit nonvlatile static ram family NVRAM (Ferroelectric Based) NVRAM中(基于铁电
|
Ramtron International Corp. Ramtron International, Corp.
|
M420000004 M420000006 M420000007 M42000000I M42000 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
CY14B116S-BZ25XIES CY14B116N-ZSP45XIES CY14B116N-Z |
16 Mb (2048 K 8/1024 K 16/512 K 32) nvSRAM
|
Cypress
|
LPC2361 LPC2361FBD100 LPC2362 LPC2362FBD100 |
Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|