Part Number Hot Search : 
009SMA NTE5348 2SD1616 IN4743 DMN600V DBUR0520 3J1H2 SM4006
Product Description
Full Text Search
  256 Datasheet PDF File

For 256 Found Datasheets File :: 32867    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Kondenshi Corp
KODENSHI[KODENSHI KOREA CORP.]
Part No. SG-256
OCR Text 256 DIMENSIONS The SG(c)256 photointerrupter high(c)performance standard type,combines high(c)output GaAs IRED with high sensitive phototransistor. (Unit : mm) FEATURES UPWB direct mount type UGAP 0mm 5. U nap S (c)in mount APPLI...
Description Photointerrupters(Transmissive)

File Size 254.91K  /  2 Page

View it Online

Download Datasheet





    AIMB-256 AIMB-256G2-00A1E AIMB-256G2-S1A1E

Advantech Co., Ltd.
Part No. AIMB-256 AIMB-256G2-00A1E AIMB-256G2-S1A1E
OCR Text 256 Intel(R) CoreTM 2 Duo Mini-ITX with VGA/DVI/LVDS, 4 COM and Dual LAN Features Supports Intel(R) uFC-PGA 478 CoreTM 2 Duo/Celeron(R) M mobile processorIntel GME965 and ICH8M Two 200-pin SODIMM sockets support up to 4 GB dual channe...
Description Intel垄莽 Core垄芒 2 Duo Mini-ITX with VGA/DVI/LVDS, 4 COM and Dual LAN
Intel? Core 2 Duo Mini-ITX with VGA/DVI/LVDS, 4 COM and Dual LAN

File Size 1,339.00K  /  3 Page

View it Online

Download Datasheet

    Maxim Integrated Products, Inc.
Part No. MAX-256-X
OCR Text 256-X detector is a hybrid focal plane Indium Gallium Arsenide PIN photodiode array with wavelength response ranging from 800 nm to 1700 nm. The array has 256 elements configured in a linear orientation with standard pixel height of 0.5 mm....
Description Optoelectronic

File Size 129.00K  /  4 Page

View it Online

Download Datasheet

    S8865-256 S8865-256G

Hamamatsu Corporation
Part No. S8865-256 S8865-256G
OCR Text 256, S8865-256G Photodiode array combined with signal processing circuit chip S8865-256 and S8865-256G are Si photodiode arrays combined with a signal processing circuit chip. The signal processing circuit chip is formed by CMOS process a...
Description Photodiode array combined with signal processing circuit chip

File Size 88.68K  /  6 Page

View it Online

Download Datasheet

    TT electronics OPTEK Technology
TT Electronics.
Part No. OPE1275H-256 OPE2275H-256
OCR Text ...nimum ? pulses per revolution 256 maximum ? analog output ? 100 - 5,000 rpm description: the ope1275h and ope2275h are designed for small shafted motors with a shaft diameter of 2 mm [0.079?] and a minimum length of 3.8 mm...
Description SINGLE, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-4
Incremental Hollow Shaft Encoder

File Size 313.99K  /  4 Page

View it Online

Download Datasheet

    TT electronics OPTEK Technology
TT Electronics.
Part No. OPE1275S-256 OPE2275S-256
OCR Text ...hread ? pulses per revolution 256 maximum ? analog output ? 100 - 5,000 rpm description: the ope1275s and ope2275s are designed for small shaft motors. the ope1275s provides a single channel analog output for speed of rot...
Description ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-4
Incremental Shaft Encoder

File Size 226.37K  /  4 Page

View it Online

Download Datasheet

    VISHAY SEMICONDUCTORS
Part No. BZW04-256-E3/73 BZW04-28B-E3/4
OCR Text ...w04p256 bzw04p256b 285 330 1.0 256 1.0 1.0 414 0.110 bzw04-256 bzw04-256b 285 315 1.0 256 1.0 1.0 414 0.110 bzw04p273 bzw04p273b 304 352 1.0 273 1.0 0.90 438 0.110 bzw04-273 bzw04-273b 304 336 1.0 273 1.0 0.90 438 0.110 ...
Description 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL

File Size 90.30K  /  6 Page

View it Online

Download Datasheet

    WINCHESTER ELECTRONICS CORP
Part No. 256-900-1160Y
OCR Text ... number cable 256-500-1410y rg-402 (.141) 256-500-0850y rg-405 (.085) straight plug straight bulkhead jack part number cable 258-900-0630y rg-174,188a,316 258-900-1160y ...
Description CABLE TERMINATED, MALE, SMA CONNECTOR, CRIMP, PLUG

File Size 55.36K  /  1 Page

View it Online

Download Datasheet

    PS-DA0137-256-B PS-DA0137-256-BS

Power Systems GmbH Co.KG
Part No. PS-DA0137-256-B PS-DA0137-256-BS
OCR Text 256-B(S) (5 W SINGLE OUTPUT) DESCRIPTION : This low profile DC to AC Inverter is developed for single lamps. Optimized for Sharp: LQ085Y3DG06 (Datasheet from 5. Sep. 2007) APPLICABLE LCD: Lamp Voltage 960 Vrms Lamp Current 5.0 mArms Lamp S...
Description DC-AC INVERTER UNIT 5 W SINGLE OUTPUT

File Size 143.33K  /  2 Page

View it Online

Download Datasheet

For 256 Found Datasheets File :: 32867    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.94777703285217