PART |
Description |
Maker |
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SI512 SI512-13 SI513 |
DUAL FREQUENCY CRYSTAL OSCILLATOR Two selectable output frequencies
|
Silicon Laboratories
|
MT9042C |
Dual reference frequency selectable Digital PLL with multiple clock outputs for T1/E1 (ITU-T G.812 type IV) and Stratum ( 3, 4, 4E) applications
|
Zarlink Semiconductor
|
FCPL1215-25 |
Selectable frequency SYNTHESIZER
|
SYNERGY MICROWAVE CORPO...
|
FCPH110175-10 |
SELECTABLE FREQUENCY SYNTHESIZER
|
SYNERGY MICROWAVE CORPO...
|
RCX7050P |
SMD Selectable Frequency Crystal Oscillator
|
TEMEX
|
MAX860 MAX861 |
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
MAXIM - Dallas Semiconductor
|
MT9041 |
Single reference frequency selectable Digital PLL with multiple clock outputs for T1/E1 trunk and backplane synchronization
|
Zarlink Semiconductor
|
MT9040AN MT9040 |
Single reference frequency selectable, 3.3V Digital PLL with multiple clock outputs for stratum 4 applications T1/E1 Synchronizer
|
ZARLINK[Zarlink Semiconductor Inc]
|
PM565S PM570S PM570K PM501S PM501D PM538D PM595S P |
Precision Dual Supply Monitor with Pin-Selectable Thresholds; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: -40°C Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: 0°C 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: 0°C Analog IC Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
|
HSU45-10 HSU45-10E HSU45-11 |
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|