PART |
Description |
Maker |
HDSP-815E HDSP-815G HDSP-815G-00000 HDSP-816G-0000 |
HDSP-816G · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-816E · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-815G · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-815E · 20 mm (0.8 inch) General Purpose Seven Segment Displays
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
HDSP-R881 HDSP-R883 |
8 x 8 Rich Color General Purpose Dot Matrix Displays 47.8 mm (1.88 inch) Package(8 x 8丰富色彩通用文本格式点阵显示7.8 mm (1.88英寸)封装) HDSP-R881 · 8 x 8 Rich Color General Purpose Dot Matrix Displays 47.8 mm (1.88 inch) Package HDSP-R883 · 8 x 8 Rich Color General Purpose Dot Matrix Displays 47.8 mm (1.88 inch) Package
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
HDSP-50XB HDSP-501B HDSP-503B |
HDSP-503B · 14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays HDSP-501B · 14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
PE4543 |
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises, Inc.
|
HDSP-523A HDSP-521A |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
AVAGO TECHNOLOGIES LIMITED
|
HDSP-S51E HDSP-S51E-EE000 HDSP-S51E-EF000 HDSP-S51 |
27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
|
Agilent(Hewlett-Packard)
|
UPD17145GTA1 PD17145CTA1-XXX PD17145GTA1-XXX PD171 |
4-BIT, MROM, 8 MHz, MICROCONTROLLER, PDSO28 0.375 INCH, PLASTIC, SOP-28 4-BIT, MROM, 8 MHz, MICROCONTROLLER, PDIP28 0.400 INCH, PLASTIC, SDIP-28 SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
|
ITT Interconnect Solutions http://
|
HDSP-B71Z HDSP-B76Z HDSP-B7XZ |
31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
|
AVAGO TECHNOLOGIES LIMITED
|
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
PWR-82341-170 PWR-82341-170L PWR-82341-170S PWR-82 |
BRUSHLESS DC MOTOR CONTROLLER, 10 A, DIP34 1.8 X 1.4 INCH, 0.25 INCH HEIGHT, PACKAGE-34
|
Data Device, Corp. DATA DEVICE CORP
|
QPO-1L |
SPECIALTY ANALOG CIRCUIT, PBGA20 1 X 1 INCH, 0.20 INCH HEIGHT, LGA-20
|
Vicor, Corp.
|