Part Number Hot Search : 
LNH13024 AAT1103A FDS3690 DTB543XE KEL3001A UPD80C35 KEL3001A 24C64LI
Product Description
Full Text Search
  hdsp-513a Datasheet PDF File

For hdsp-513a Found Datasheets File :: 3    Search Time::1.093ms    
Page :: | <1> |   

    ITT, Corp.
HP[Agilent(Hewlett-Packard)]
Agilent (Hewlett-Packard)
Agilent(Hewlett-Packard...
Part No. HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 5082-511A-0I000 5082-511A-0J000 5082-511A-0K000 5082-511A-0L000 5082-511A-H0000 5082-511A-HH000 5082-511A-HI000 5082-511A-HJ000 5082-511A-HK000 5082-511A-HL000 5082-511A-I0000 5082-511A-IH000 5082-511A-II000 5082-511A-IJ000 5082-511A-IK000 5082-511A-IL000 5082-511A-J0000 5082-511A-JH000 5082-511A-JI000 5082-511A-JJ000 5082-511A-JK000 5082-511A-JL000 5082-511A-K0000 5082-511A-KH000 5082-511A-KI000 5082-511A-KJ000 5082-511A-KK000 5082-511A-KL000 5082-511A-L0000 5082-511A-LH000 5082-511A-LI000 5082-511A-LJ000 5082-511A-LK000 5082-511A-LL000 5082-511E-00000 5082-511E-0H000 5082-511E-0I000 5082-511E-0J000 5082-511E-0K000 5082-511E-0L000 5082-511E-H0000 5082-511E-HH000 5082-511E-HI000 5082-511E-HJ000 5082-511E-HK000 5082-511E-HL000 5082-511E-I0000 5082-511E-IH000 5082-511E-II000 5082-511E-IJ000 5082-511E-IK000 5082-511E-IL000 5082-511E-J0000 5082-511E-JH000 5082-511E-JI000 5082-511E-JJ000 5082-511E-JK000 5082-511E-JL000 5082-511E-K0000 5082-511E-KH000 5082-511E-KI000 5082-511E-KJ000 5082-511E-KK000 5082-511E-KL000 5082-511E-L0000 5082-511E-LH000 5082-511E-LI000 5082-511E-LJ000 5082-511E-LK000 5082-511E-LL000 5082-511G-00000 5082-511G-0H000
OCR Text HDSP-511x/513x 14.22 mm (0.56 inch) General Purpose Seven-Segment Display Data Sheet Features * Industry standard size * Industry standard...513A Yellow HDSP-511Y HDSP-513Y Description Common Anode, Right Hand Decimal Common Cathode, Right H...
Description 14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示
Multichannel Remote/Local Temperature Sensors
16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil
HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
hdsp-513a · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display

File Size 349.21K  /  10 Page

View it Online

Download Datasheet





    AGILENT TECHNOLOGIES INC
Part No. HDSP-511E-00000
OCR Text ...node or common cathode. agilent hdsp-511x/513x 14.22 mm (0.56 inch) general purpose seven-segment display data sheet features ? industry sta...513a hdsp-513y common cathode, right hand decimal the choice of colors includes high efficiency red ...
Description 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 14.22 mm

File Size 205.74K  /  10 Page

View it Online

Download Datasheet

For hdsp-513a Found Datasheets File :: 3    Search Time::1.093ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hdsp-513a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1895108222961