PART |
Description |
Maker |
M80-4C13042F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 30 x Small bore signal contacts, 2 x 12 AWG Power contacts 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
39-01-2225 39-01-2025 |
Header; Number of Contacts:22; Pitch Spacing:0.165"; Number of Rows:2; Gender:Female; Series:Mini-Fit Jr. 5557; Body Material:Nylon 6/6 22 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE Multipole Connector; Gender:Female; Number of Contacts:2; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V
|
Molex, Inc. MOLEX INC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
09-50-8151 09-50-8193 09-50-8171 09-50-8020 09-50- |
KK 156 Crimp Housing Ramp 15 Ckt 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 19 Ckt 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 17 Ckt 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.156 Pitch 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 20 Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:10; Series:KK; Body Material:Nylon; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,13 Contacts,SKT,0.156 Pitch,POLARIZED LCK 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 05 Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 07 Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 9508153 KK 156 Crimp Housing 15 Ckt
|
Molex, Inc. MOLEX INC
|
19418-0007 |
Receptacle assembly; Gender:Female; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):16-14 2 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
S-303H-AB S-304H-AB |
Industrial Connector; Series:300; Number of Contacts:3; Gender:Female; Leaded Process Compatible:Yes 3 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Industrial Connector; Series:300; Number of Contacts:4; Gender:Female; Leaded Process Compatible:Yes 4 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
|
Cinch Connectors
|
51065-1300 51065-1000 |
2MM 13CKT RECEPTACLE HOUS 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:50165; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|