PART |
Description |
Maker |
5P6SMA 5P4SMA |
5A mold isolated SCR From old datasheet system P gate all Diffused mold type Thyristor granted 5 A on-state Average current, with rated Voltages up to 600V
|
NEC Electronics NEC[NEC] NEC Corp.
|
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
SA08A4C |
Sillicon Controlled Rectifiers Thyristors 0.8A Mold SCR
|
Korea Electronics (KEC)
|
03P4M 03P2M |
0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR 0.47甲(RMS)的所有分散模具类型可控硅
|
NEC, Corp. NEC Corp. NEC[NEC]
|
03P4MG 03P6MG |
(03P4MG / 03P6MG) 300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
|
NEC
|
LD470650 LD470850 LD471050 LD471250 LD471450 LD471 |
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts) 785 A, 1200 V, SCR POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts) 785 A, 1000 V, SCR
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
CD421690B CD421290B CD421890B CD420890B CD421490B |
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts Dual SCR/Diode Isolated Module
|
Power Integrations, Inc. Powerex Power Semicondu...
|
N0676YS120-180 N0782YS120-160 N0992YS020-060 N0734 |
1346 A, 1800 V, SCR 1554 A, 1600 V, SCR 1995 A, 600 V, SCR 1465 A, 1600 V, SCR 1201 A, 2400 V, SCR
|
Westcode Semiconductors, Ltd.
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
4308M-102-202 4308M-104-221/331 4308M-102-271LF 43 |
RNET - THK FILM MOLD SIP RESISTOR, NETWORK, FILM, ISOLATED, 1.2 W, THROUGH HOLE MOUNT RNET - THK FILM MOLD SIP RESISTOR, NETWORK, FILM, TERMINATOR, 1.2 W, THROUGH HOLE MOUNT RESISTOR, NETWORK, FILM, ISOLATED, 1.2 W, THROUGH HOLE MOUNT SIP, ROHS COMPLIANT RNET - THK FILM MOLD SIP RESISTOR, NETWORK, FILM, BUSSED, 0.9 W, THROUGH HOLE MOUNT
|
Bourns, Inc. Glenair, Inc.
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
|