Part Number Hot Search : 
UZ7715 TP160N 150UR80D XP01211 FQPF9N50 K2696 AT27B NV040
Product Description
Full Text Search
  on-state Datasheet PDF File

For on-state Found Datasheets File :: 151713    Search Time::3.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6X M27C64A-20C1TR M27C64A-20C1X M27C64A-20C6TR M27C64A-20C6X M27C64A-25C1TR M27C64A-25F6X M27C64A-25F6TR M27C64A-15C6X M27C64A-15F1X M27C64A-15F6X M27C64A-15C1TR M27C64A-15F6TR M27C64A-15C6TR M27C64A-15F1TR M27C64A-20F1TR M27C64A-25F1X M27C64A-25F1TR M27C64A-25C1X M27C64A-25C6TR M27C64A-25C6X M27C64A-15C1X
OCR Text ... the content is programmed only on time and erasure is not required, the M27C64A is offered in Plastic Leaded Chip Carrier package. Figur...state, independent of the G input. Two Line Output Control Because EPROMs are usually used in larger...
Description 64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光

File Size 97.89K  /  11 Page

View it Online

Download Datasheet





    TIC116A12

Comset Semiconductor
Part No. TIC116A12
OCR Text ...istors ? 8 a continuous on-state current ? 80 a surge-current ? glass passivated wafer ? 100 v to 800 v off-state voltage ? max i gt of 20 ma ? compliance to rohs absolute maximum ratings symbol ratings...
Description P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS

File Size 155.07K  /  4 Page

View it Online

Download Datasheet

    MTNK5S3

Cystech Electonics Corp.
Part No. MTNK5S3
OCR Text ... *2. with each pin mounted on the recommended lands. *3. human body model, 1.5k in series with 100pf elect...state resistance with temperature 2 3 4 5 -50 -25 0 25 50 75 100 125 150 channel temperature---tch(...
Description ESD protected N-Channel Enhancement Mode MOSFET

File Size 276.05K  /  8 Page

View it Online

Download Datasheet

    Integrated Device Technology, Inc.
Part No. IDT723656
OCR Text ...e) bus sizing of 18 bits (word) on ports b and c ? ? ? ? ? select idt standard timing (using efa , efb , ffa , and ffc flag function...state of the be/ fwft pin during master reset determines the mode in use. each fifo has a combined ...
Description 2K x 36 x 2 Triple-Bus FIFO, 5.0V

File Size 335.95K  /  39 Page

View it Online

Download Datasheet

    TY Semiconductor Co., Ltd
Part No. 2SK1958
OCR Text ... = 10 ma 20 ms drain to source on-state resistance r ds(on)1 v gs = 1.5 v, i d = 1 ma 20 50 w drain to source on-state resistance r ds(on)2 v gs = 2.5 v, i d = 10 ma 7 15 w drain to source on-state resistance r ds(on)3 v gs = 4.0 v, i...
Description N-channel vertical MOS FET

File Size 45.39K  /  2 Page

View it Online

Download Datasheet

    Integrated Device Technology, Inc.
Part No. IDT723663
OCR Text ...ous reading and writing of data on a single clock edge is permitted) ? ? ? ? ? easily expandable in width and depth ? ? ? ? ? auto power dow...state of the be/ fwft pin during reset determines the mode in use. the fifo has a combined empty/ou...
Description 4K x 36 SyncFIFO, 5.0V

File Size 294.36K  /  29 Page

View it Online

Download Datasheet

    A82DL16X4TU

AMIC Technology
Part No. A82DL16X4TU
OCR Text ...tom boot block manufactured on 0.18 m process technology - compatible with am42dl16x4d devices compatible with jedec standards -...state machine to reading array data wp /acc input pin - write protect ( wp ) function allows ...
Description Stacked Multi-Chip Package

File Size 976.85K  /  57 Page

View it Online

Download Datasheet

    Integrated Device Technology, Inc.
Part No. IDT723644
OCR Text ...ous reading and writing of data on a single clock edge is permitted) ? ? ? ? ? auto power down minimizes power dissipation ? ? ? ? ? availab...state of the be/ fwft pin during fifo operation determines the mode in use. each fifo has a combine...
Description 256 x 36 x 2 SyncBiFIFO, 5.0V

File Size 518.41K  /  35 Page

View it Online

Download Datasheet

For on-state Found Datasheets File :: 151713    Search Time::3.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of on-state

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.62606501579285