Part Number Hot Search : 
1N473 ASTMB545 LR3715Z 8F042 P0603 PBL38582 GP509 EPG4001S
Product Description
Full Text Search
  mold Datasheet PDF File

For mold Found Datasheets File :: 17059    Search Time::2.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    KK74ACT258D KK74ACT258

KODENSHI KOREA CORP.
Part No. KK74ACT258D KK74ACT258
OCR Text ...ensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side. D SUFFIX SOIC (MS - 012AC) Dimension, mm A 16 9 Symbol A MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.2...
Description Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS

File Size 201.64K  /  6 Page

View it Online

Download Datasheet





    FAIRCHILD[Fairchild Semiconductor]
Part No. RV4145A_04 RV4145A RV4145AM RV4145AMT RV4145AN RV4145A04
OCR Text ... 2. "D" and "E1" do not include mold flashing. mold flash or protrusions shall not exceed .010 inch (0.25mm). 3. Terminal numbers are for reference only. 4. "C" dimension does not include solder finish thickness. 5. Symbol "N" is the maximu...
Description    Low Power Ground Fault Interrupter
Low Power Ground Fault Interrupt Controller

File Size 82.62K  /  10 Page

View it Online

Download Datasheet

    FreesCale
Part No. MC4805
OCR Text ... 2. package body sizes exclude mold flash, protrusion or gate burrs. mold flash, protrusion or gate burrs shall not exceed 0.10 mm per side. 3. package body sizes determined at the outermost extremes of the plastic body exclusive of m...
Description Dual P-Channel 30-V (D-S) MOSFET

File Size 335.01K  /  5 Page

View it Online

Download Datasheet

    PROTEC[Protek Devices]
Part No. SLVDA28LC SLVDA2.8LC
OCR Text ...ions "A" and "B" do not include mold protrusion. Maximum mold protrusion is 0.015" (0.380 mm) per side. Dimensioning and tolerances per ANSI Y14.5M, 1982. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK ORDERING ...
Description ULTRA LOW CAPACITANCE TVS ARRAY

File Size 83.46K  /  5 Page

View it Online

Download Datasheet

    椋???″????浣?涓??)??????
Part No. MPXV5010D
OCR Text ...imension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006). 5. all vertical surfaces 5? typical draft. case 482-01 issue o small outline package pin 1 identifier h seating plane -t- w c m j k v dim m...
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

File Size 438.93K  /  18 Page

View it Online

Download Datasheet

    PROTEC[Protek Devices]
http://
Part No. SM1624C-T7 SM1603 SM1603_07 SM1603C SM1603C-LF-T7 SM1603C-T13 SM1603C-T7 SM1603-LF-T7 SM1603-T13 SM1603-T7 SM1605 SM1605C SM1605C-LF-T7 SM1605C-T13 SM1605C-T7 SM1605-LF-T7 SM1605-T13 SM1605-T7 SM1608 SM1608C SM1608C-LF-T7 SM1608C-T13 SM1608C-T7 SM1608-LF-T7 SM1608-T13 SM1608-T7 SM1612 SM1612C SM1612C-LF-T7 SM1612C-T13 SM1612C-T7 SM1612-LF-T7 SM1612-T13 SM1612-T7 SM1615 SM1615C SM1615C-T13 SM1615C-T7 SM1615-LF-T7 SM1615-T13 SM1615-T7 SM1624 SM1624C SM1624C-LF-T7 SM1624C-T13 SM1624-LF-T7 SM1624-T13 SM1624-T7 SM160307
OCR Text ...ions "A" and "B" do not include mold protrusion. Maximum mold protrusion is 0.015" (0.380 mm) per side. Dimensioning and tolerances per ANSI Y14.5M, 1982. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK ORDERING ...
Description    STANDARD CAPACITANCE TVS ARRAY

File Size 64.21K  /  4 Page

View it Online

Download Datasheet

    PROTEC[Protek Devices]
Part No. SM16LC36C SM16LC03 SM16LC03C SM16LC05 SM16LC05C SM16LC08 SM16LC08C SM16LC12 SM16LC12C SM16LC15 SM16LC15C SM16LC24 SM16LC24C SM16LC36
OCR Text ...ions "A" and "B" do not include mold protrusions. 4. Maximum mold protrusion is 0.015" (0.380 mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK O...
Description LOW CAPACITANCE TVS ARRAY

File Size 119.82K  /  5 Page

View it Online

Download Datasheet

    FreesCale
Part No. MC4828
OCR Text ... 2. package body sizes exclude mold flash, protrusion or gate burrs. mold flash, protrusion or gate burrs shall not exceed 0.10 mm per side. 3. package body sizes determined at the outermost extremes of the plastic body exclusive of m...
Description N-Channel 60-V (D-S) MOSFET

File Size 338.60K  /  5 Page

View it Online

Download Datasheet

    PROTEC[Protek Devices]
Part No. SMDA24CM SMDA05CM SMDA08CM SMDA12CM SMDA15CM
OCR Text ...ions "A" and "B" do not include mold protrusion. 4. Maximum mold protrusion is 0.015" (0.380 mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL/BULK ORD...
Description STANDARD CAPACITANCE TVS ARRAY

File Size 93.27K  /  4 Page

View it Online

Download Datasheet

    2SC5004 2SC5004-T1 2SC5004NE58219 2SC5004-T2

NEC[NEC]
NEC Corp.
NEC, Corp.
Part No. 2SC5004 2SC5004-T1 2SC5004NE58219 2SC5004-T2
OCR Text mold DESCRIPTION The 2SC5004 is a low supply voltage transistor designed for UHF OSC/MIX. It is suitable for a high density surface mount assembly since the transistor has been applied ultra super mini mold package. PACKAGE DIMENSION...
Description    NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI mold
SC70/&#181;DFN, Single/Dual Low-Voltage, Low-Power &#181;P Reset Circuits
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI mold NPN硅外延晶体管3引脚超超级迷你模
NPN epitaxial-type silicon transistor

File Size 52.91K  /  8 Page

View it Online

Download Datasheet

For mold Found Datasheets File :: 17059    Search Time::2.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mold

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3798789978027