PART |
Description |
Maker |
HFBR-5720L HFBR-5720LP HFBR-0570 |
HFBR-5720L · 2.125/1.0625 GBd MMF SFP Transceiver for Fibre Channel: Standard delatch HFBR-5720LP · 2.125/1.0625 GBd MMF SFP Transceiver for Fibre Channel: Extended delatch HFBR-0570 · Evaluation Kit for Small Form Factor Pluggable (SFP) Fibre Channel Applications
|
Agilent (Hewlett-Packard)
|
HFBR-5720ALP |
HFBR-5720ALP · 2.125/1.0625 GBd MMF SFP Transceiver for Fibre Channel: Ext Temp & Voltage, Bail-wire delatch HFBR-5720AL · 2.125/1.0625 GBd MMF SFP Transceiver for Fibre Channel: Ext Temp & Voltage, Standard delatch
|
Agilent (Hewlett-Packard)
|
V23849-R36-C55 V23849-R35-C55 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
|
INFINEON[Infineon Technologies AG]
|
AFBR-57R5APZ |
Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
|
AVAGO TECHNOLOGIES LIMITED
|
V23838-M305-M56 |
SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC⑩ Connector
|
INFINEON[Infineon Technologies AG]
|
HDMP-0480 |
HDMP-0480 · 1.0625-1.25 GBd Octal Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications Octal Cell Port Bypass Circuit without Clock and Data Recovery
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
V23826-K305-C363 V23826-K305-C353 V23826-K305-C373 |
Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver 多模850纳米1.0625 Gbit / s的光纤通道1.3千兆以太网收发器1x9
|
Infineon Technologies AG
|
V23818-K15-L46 V23818-K15-L16 |
Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector 纤巧单模1300纳米1.0625 Gbit / s的光纤通道1.25千兆以太网收发器2x5/2x10的LC连接器钢
|
Infineon Technologies AG
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
VSC7125 VSC7125QN VSC7125QU |
1.0625 Gbits/sec Fibre Channel Transceiver
|
Vitesse Semiconductor Corpo... ETC[ETC] Vitesse Semiconductor Corporation
|
V23826-K305-C13 V23826-K305-C313 V23826-K305-C353 |
MM 1.0625 GBd FC Transceiver
|
Infineon
|