Part Number Hot Search : 
04K2G CJSE036 9535LHHT 370810 TXV2N 331KL G20JTF0 70010
Product Description
Full Text Search
  2x5 Datasheet PDF File

For 2x5 Found Datasheets File :: 567    Search Time::1.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Infineon
Part No. V23818-K305-L57 V23818-K305-L17
OCR Text ...er channel 1.3 gigabit ethernet 2x5 transceiver with lc? connector preliminary *) ordering information lc? is a registered trademark of lucent 12.88 .507 8.17 .321 6.24 .246 14.56 .573 12.70 .500 13.43 .529 12.88 .507 47.65 1.876 8.92 .351 ...
Description MM 1.0625 GBd FC Transceiver

File Size 190.77K  /  7 Page

View it Online

Download Datasheet





    Optoway Technology
Part No. BTRS-3602AMG
OCR Text ...c operating: btrs-3602amg l 2x5 package with sc receptacle l single +3.3 v power supply l rohs compliant l pecl differential inputs and outputs l wave solderable and aqueous washable l class 1 laser international safety ...
Description 1310 nm TX / 1550 nm RX 3.3V / 125 Mbps RoHS Compliant Single-FiberMM Transceiver

File Size 95.06K  /  4 Page

View it Online

Download Datasheet

    SEL1420G SEL1724Y SEL1924D SEL1920D SEL1721Y SEL1121R SEL1722Y SEL1120R SEL1124R SEL1222R SEL1821D SEL1822D SEL1921D SEL

Sanken Electric Co.,Ltd.
SANKEN[Sanken electric]
Part No. SEL1420G SEL1724Y SEL1924D SEL1920D SEL1721Y SEL1121R SEL1722Y SEL1120R SEL1124R SEL1222R SEL1821D SEL1822D SEL1921D SEL1922D SEL1020 SEL1421G SEL1422G SEL1424G SEL1720Y SEL1021SERIES SEL1020SERIES SEL1022SERIES SEL1024SERIES
OCR Text ...pe No. Display form (o: mm) 2x5 2x5 2x5 2x5 2x5 3x5 3x5 3x5 3x5 3x5 2.5x5 2.5x5 2.5x5 2.5x5 2.5x5 1x4.9 1x4.9 1x4.9 1x4.9 1x4.9 Electro-optical characteristics (Ta=25C) Type of lens Emitting color typ Red tinted, diffused Green tinte...
Description Square Display LED(矩形显示LED)
Square display LEDs

File Size 48.28K  /  2 Page

View it Online

Download Datasheet

    EASER162-NLW EASER081-CNLED EASER161-DNLED EASER161-ENLED EASER162-BNLED EASER162-N3LW EASER204-NLED EASER202-NLW EASER2

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
Part No. EASER162-NLW EASER081-CNLED EASER161-DNLED EASER161-ENLED EASER162-BNLED EASER162-N3LW EASER204-NLED EASER202-NLW EASER204-BNLED EASER204-NLW EASER308-NLED EASER402-NLW EASER162-BNLW EASER164-NLED EASER202-NLED EASER242-NLED EASER402-NLED EAOPT-935V EAOPT-RS422 EAOPT-DIP6
OCR Text ...errors reserved. rs-422 socket (2x5 pins) pin symbol function pin symbol function 1 vd d +5v 2 data in- receive data 3 data in+ receive data 4 nc not connected 5 nc not connected 6 hs in- hs in- and hs out- bridged 7 hs in+ hs in+ and hs ou...
Description THE SERIALS DOTMATRIX DISPLAYS WITH RS-232

File Size 2,247.91K  /  20 Page

View it Online

Download Datasheet

    Infineon
Part No. V23818-K305-V17
OCR Text 2x5 transceiver with vf-45? (volition?) connector, with collar preliminary features ? small form factor transceiver ? rj-45 style vf-45? connector system ? half the size of sc duplex 1x9 transceiver ? single power supply (3.3 v) ? extremely...
Description MM 1.0625 GBd FC Transceiver

File Size 137.92K  /  6 Page

View it Online

Download Datasheet

    Optoway Technology Inc.
Optoway Technology, Inc.
Part No. NU-73B94B-PG NU-73B94B-P-AG
OCR Text ... gbps 1490 nm continuous rx 2x5 sff package, itu-t g.984.2 class b+ g-pon onu transceiver *************************************************************************************************************************************************...
Description 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2x5 SFF封装,ITU - TG.984.2 BG - PON的ONU的收发器
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2x5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2x5 SFF封装,ITU - T的G.984.2 B级G - PON的ONU的收发器

File Size 151.86K  /  6 Page

View it Online

Download Datasheet

    Rabbit Semiconductor
Part No. 101-0602
OCR Text ...type, two rj-45, one 0.1? pitch 2x5 idc, one 2 mm pitch 2x5 idc programming port 4 polarized 9-pin molex ? type terminals with 0.1" pitch, two 0.156? pitch 2-pin molex - type, one .1? pitch 2x5 idc, one 2 mm pitch 2x5 idc programming ...
Description
File Size 1,898.59K  /  4 Page

View it Online

Download Datasheet

    LV9945DCW15625M LV9945DCV15625M LV9920DCW15625M LV9920DCV15625M LV9920DEV15625M LV9920DEW15625M LV5545DCV15625M LV5544DC

Pletronics, Inc.
Part No. LV9945DCW15625M LV9945DCV15625M LV9920DCW15625M LV9920DCV15625M LV9920DEV15625M LV9920DEW15625M LV5545DCV15625M LV5544DCV15625M LV5520DCV15625M LV7745DCV15625M LV7744DCV15625M LV7720DCV15625M LV9944DCV15625M LV7745DCW15625M LV7745DEV15625M LV5544DCW15625M LV7744DCW15625M LV9944DCW15625M LV5544DEV15625M LV5520DEW15625M LV7720DCW15625M LV5545DCW15625M
OCR Text ...hz- 20mhz 2.5v 3.3v lv55d 3.2x5 mm 3rd ot 80-325 900 45-55 0.4 2.6 66 ? ? lv55f 3.2x5 mm fund. 13-110 400 45-55 0.4 1.0 27 ? ? lv55g 3.2x5 mm 3rd ot 35-220 400 45-55 0.4 0.9 40 ? ? lv77d 5x7 mm 3r...
Description Excellent phase noise characteristics
   Excellent phase noise characteristics

File Size 325.83K  /  2 Page

View it Online

Download Datasheet

For 2x5 Found Datasheets File :: 567    Search Time::1.594ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2x5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50935506820679