PART |
Description |
Maker |
PHV12-2.0K2500P PHV12-1.0K5000P PHV12-350S10P PHV1 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 高压,电源供应器 KPT00E10-6SDN HV-Power Supplies
|
TRACO ELECTRONIC AG. TRACO[Traco Electronic AG]
|
PS2511-1 PS2511L-2 PS2511L-4 PS2511-2 PS2511-4 PS2 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
|
NEC Corp. NEC[NEC]
|
MHV12-180S15N MHV12-180S15P SHV12-1.0K2000P SHV12- |
HV-Power Supplies 高压,电源供应器 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
ETI Systems TRACO ELECTRONIC AG. TRACO[Traco Electronic AG] TRACOPOWER[TRACO Electronic AG]
|
312035P 312030P 3182.25P 312.031P 312.062P 312.100 |
CAT6A F/UTP PATCH CABLE 1M WHITE CAT6A F/UTP PATCH CABLE 5M BLUE CAT 7 PATCH CABLE 1 PAIR 1M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 4 PAIR 3M WHITE CAT6A F/UTP PATCH CABLE 5M WHITE CAT 7 PATCH CABLE 1 PAIR 3M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 1 PAIR 5M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 1 PAIR 2M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 4 PAIR 2M WHITE CAT6A F/UTP PATCH CABLE 3M WHITE CAT 7 PATCH CABLE 4 PAIR 1M WHITE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes CAT6A F/UTP PATCH CABLE 2M BLUE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Dark Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Connector assemblies, Network cables; CAP FILM OIL WOUND 20UF 370VAC COMPUTER PRODUCT 轴向引线和熔断管-玻璃 Axial Lead and Cartridge Fuses - Glass Body 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 3M WHITE 轴向引线和熔断管-玻璃 RELAY MINI 2A DPDT 48V PC MNT 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 2M BLUE 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 1M WHITE 轴向引线和熔断管-玻璃
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
PS9851-1-V-F4 PS9851-2-V-F4-A PS9851-1 PS9851-1-A |
Power Resistor; Series:MK; Resistance:10kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Power Resistor; Series:MK; Resistance:100ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RESISTOR, 100K OHM, 1% Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
NEC, Corp. NEC Corp. NEC[NEC]
|
VN220 VN220011Y VN220012Y VN220_012Y VN220_011Y |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 高边智能电源固态继电器 HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
VND10 VND10B VND10B_012Y VND10B_011Y VND10B011Y VN |
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
??????浣? STMICROELECTRONICS[STMicroelectronics] 意法半导
|
PS2701-1 PS2701-1-V PS2701-2 PS2701-2-V PS2701-4 P |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER NPN-OUTPUT DC-INPUT OPTOCOUPLER,2-CHANNEL,2.5KV ISOLATION,SO
|
NEC Corp. NEC Electron Devices NEC[NEC]
|
AD1954YSTRL AD1954YSRL |
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 16-bit fixed point DSP with Flash
|
Analog Devices, Inc.
|