Part Number Hot Search : 
TLN22507 MAX163 BD4148SE TPC8115 KPY55A SM1010 TFS868 W90P710
Product Description
Full Text Search
  rugged Datasheet PDF File

For rugged Found Datasheets File :: 12884    Search Time::2.171ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AME8815BEDS250 AME8815AEBT180 AME8815AEGT180 AME8815BEBT180 AME8815BEGT180 AME8815AEBT330 AME8815AEGT330 AME8815BEBT330

AME[Analog Microelectronics]
Part No. AME8815BEDS250 AME8815AEBT180 AME8815AEGT180 AME8815BEBT180 AME8815BEGT180 AME8815AEBT330 AME8815AEGT330 AME8815BEBT330 AME8815BEGT330 AME8815AEBT475 AME8815BEBT475 AME8815BEB AME8815AEBT500 AME8815BEBT500 AME8815BECS330 AME8815AEGT475 AME8815BEGT475 AME8815BECS150 AME8815AECS150 AME8815BEGT500 AME8815 AME8815AEBT150 AME8815AEBT250 AME8815AECS180 AME8815AECS250 AME8815AECS330 AME8815AECS475 AME8815AECS500 AME8815AEDS150 AME8815AEDS180 AME8815AEDS250 AME8815AEDS330 AME8815AEDS475 AME8815AEDS500 AME8815AEGT150 AME8815AEGT250 AME8815AEGT500 AME8815BEBT150 AME8815BEBT250 AME8815BECS180 AME8815BECS250 AME8815BECS475 AME8815BECS500 AME8815BEDS150 AME8815BEDS180 AME8815BEDS330 AME8815BEDS475 AME8815BEDS500 AME8815BEGT150 AME8815BEGT250
OCR Text ...trimmed to 1.5% accuracy. These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the "Worst" of operating conditions. The AME8815 is stable with an output capacitance of 4.7F or greater. n ...
Description 1.5A CMOS LDO

File Size 106.32K  /  17 Page

View it Online

Download Datasheet





    APM4835 APM4835KC-TR APM4835KC-TU

Anpec Electronics Corporation
ETC[ETC]
ANPEC[Anpec Electronics Coropration]
http://
Part No. APM4835 APM4835KC-TR APM4835KC-TU
OCR Text ...ensity Cell Design Reliable and rugged SO-8 Package Pin Description S S S G 1 2 3 4 8 7 6 5 D D D D Applications * Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems G SO - 8 S SS ...
Description P-Channel Enhancement Mode MOSFET

File Size 125.16K  /  9 Page

View it Online

Download Datasheet

    BUPD1520

Power Innovations Ltd
Power Innovations Limited
Part No. BUPD1520
OCR Text ...cillating Inverter Applications rugged 1500 V Planar Construction Integral Free-Wheeling Anti-Parallel Diode B C E TO-220 PACKAGE (TOP VIEW) G G 1 2 3 Pin 2 is in electrical contact with the mounting base. MDTRACA device sy...
Description NPN SILICON TRANSISTOR WITH INTEGRATED DIODE

File Size 114.07K  /  5 Page

View it Online

Download Datasheet

    IRF530A

FAIRCHILD[Fairchild Semiconductor]
Part No. IRF530A
OCR Text rugged Technology rugged Gate Oxide Technology Lower Input Capacitance Improved Gate Charge Extended Safe Operating Area 175 C Operating Temperature Lower Leakage Current : 10 A (Max.) @ VDS = 100V Lower RDS(ON) : 0.092 (Typ.) IRF530A...
Description N-CHANNEL POWER MOSFET
Advanced Power MOSFET

File Size 253.11K  /  7 Page

View it Online

Download Datasheet

    IRF530FI IRF530 3003

SGS Thomson Microelectronics
STMicroelectronics
Part No. IRF530FI IRF530 3003
OCR Text ...PICAL RDS(on) = 0.12 AVALANCHE rugged TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC LOW GATE CHARGE HIGH CURRENT CAPABILITY 175oC OPERATING TEMPERATURE APPLICATION ORIENTED CHARACTERIZATION 3 1 2 1 2 3 TO-22...
Description From old datasheet system
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR

File Size 46.69K  /  6 Page

View it Online

Download Datasheet

    IRF530FP 5758

SGS Thomson Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. IRF530FP 5758
OCR Text ...100oC LOW GATE CHARGE AVALANCHE rugged TECHNOLOGY APPLICATION ORIENTED CHARACTERIZATION HIGH CURRENT CAPABILITY 175oC OPERATING TEMPERATURE 3 1 2 APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s DC-DC &...
Description N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
From old datasheet system

File Size 76.48K  /  5 Page

View it Online

Download Datasheet

    12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040-2 12H1001-2R 12H1301-2R 12H1501-2R 12H1901-2R 12H2320-2 12H2540-2 12H

http://
POWER-ONE[Power-One]
Jameco Electronics
Part No. 12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040-2 12H1001-2R 12H1301-2R 12H1501-2R 12H1901-2R 12H2320-2 12H2540-2 12H3020-2 12H3040-2 24H1001-2R 24H1301-2R 24H1501-2R 24H1901-2R 24H2540-2 24H3020-2 24H3040-2 48H1001-2R 48H1301-2R 48H1501-2R 48H1901-2R 48H2320-2 48H2540-2 48H3020-2
OCR Text ... strengh test voltage LGA * rugged electrical and mechanical design * Output 1 regulated, outputs 2 and 3 tracking * Operating ambient temperature range -25...71C with convection cooling Selection chart Output 1 Uo nom Io nom [V DC]...
Description 50WattDC-DCConverters
Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes
CAP, 100PF 50V 10% X7R, 0603
SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10%
Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换
50 Watt DC-DC Converters 50瓦的DC - DC转换
Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes

File Size 139.10K  /  4 Page

View it Online

Download Datasheet

    2N7002

PANJIT[Pan Jit International Inc.]
Part No. 2N7002
OCR Text ...olled small signal switching. * rugged and reliable. * High saturation current capability. * High-speed switcing. * CMOS logic compatible input. * Not thermal runaway. * No secondary breakdown. D G S ABSOLUTE MAXIMUM RATINGS TA =...
Description N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

File Size 88.00K  /  6 Page

View it Online

Download Datasheet

For rugged Found Datasheets File :: 12884    Search Time::2.171ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rugged

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6811900138855