PART |
Description |
Maker |
MSM6577-XXGS-K MSM6577 MSM6577-XX MSM6577-XXGS-2K |
Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
|
OKI[OKI electronic componets]
|
MSM6577 |
Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
|
OKI electronic componet...
|
MSM6575 |
(MSM6545 / MSM6575) Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
|
OKI electronic componets
|
EMA2 |
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors) Built-In Biasing Resistors, R1 = R2 = 47kW.
|
Rohm
|
DTC143Z-AE3-R DTC143Z-AL3-R DTC143Z-AN3-R DTC144E- |
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) npn型数字晶体管(内置电阻, NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
|
??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
SED1234 |
Dot Matrix(5 x 7 dot) LCD Controller Driver(Built-in Character Generator ROM and RAM,Built-in Power Supply Circuit for LCD)(点阵式(5 x 7 LCD控制器驱动器(内置字符发生ROM和RAM及电源电路)) 点阵 × 7点)LCD控制器驱动器(内置字符发生器ROM和RAM,内置电源电路的液晶显示器)(点阵式 × 7点)液晶控制器驱动器(内置字符发生器光盘和内存及电源电路))
|
Epson (China) Co., Ltd.
|
PT2390 PT2390-S |
Echo IC with Built in Michrophone Amplifier and Output Mixer Echo IC with Built-in Microphone Amplifier & Output Mixer 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3711Z with Lead Free Packaging
|
Princeton Technology Co... Princeton Technology Corporation PTC
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
TCFG TCFGA0G106K8R TCFGA0G106M8R TCFGA0J106K8R TCF |
Tantalum Capacitors > TCFG SERIES(with built-in open function) > B case(3528size) Chip tantalum capacitors with open-function built-in
|
Rohm
|
STK4161X STK4191 STK4191X STK4141X STK4151X STK420 |
2ch./1packge - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02% 2ch /1packge / - Power Supply Built-in Muting Circuit 25W/ch ~ 70W/ch THD=0.02% 2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02% 2ch./1packge-电源内置静噪电路25W/ch70W/ch。总谐波失真\u003d 0.02 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 10uF; Voltage: 450V; Case Size: 12.5x20 mm; Packaging: Bulk
|
http:// SANYO[Sanyo Semicon Device] Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd.
|
SAP09N |
BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON Darlington Transistor For Audio Amplifier With Temperature Compensation
|
SANKEN[Sanken electric]
|