PART |
Description |
Maker |
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD11/2036-0REEL |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN
|
Analog Devices
|
TSH82IYDT TSH84 |
Rail-to-rail video op-amp Wide band rail-to-rail operational amplifier
|
ST Microelectronics
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
EM78P451SP EM78P451SAQ EM78P451SWM |
8-Bit Microcontroller with OTP ROM Quad, Serial, 8-Bit DACs with Rail-to-Rail Outputs
|
ELAN Microelctronics Corp .
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
TS7221 9412 TS7221BILT TS7221AI TS7221AILT TS7221B |
SINGLE BICMOS RAIL TO RAIL MICROPOWER COMPARATOR From old datasheet system SINGLE BICMOS RAIL TO RAIL 敌OWER COMPARATOR SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR 单BiCMOS工艺轨至轨uPOWER比较
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LTC1659IS8 LTC1659CS8 LTC1659CMS8 LTC1659 1659F |
From old datasheet system 12-Bit Rail-to-Rail Micropower DAC in MSOP Package
|
LINER[Linear Technology]
|
MAX533 MAX533ACEE MAX533ACPE MAX533AEEE MAX533AEPE |
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5258 MAX5258EEE MAX5259EEE |
3V/ 5V / Low-Power / 8-Bit Octal DACs with Rail-to-Rail Output Buffers
|
Maxim
|